Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10080 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10080
Description  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10080 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10080 Datasheet HTML 1Page - National Semiconductor (TI) ADC10080 Datasheet HTML 2Page - National Semiconductor (TI) ADC10080 Datasheet HTML 3Page - National Semiconductor (TI) ADC10080 Datasheet HTML 4Page - National Semiconductor (TI) ADC10080 Datasheet HTML 5Page - National Semiconductor (TI) ADC10080 Datasheet HTML 6Page - National Semiconductor (TI) ADC10080 Datasheet HTML 7Page - National Semiconductor (TI) ADC10080 Datasheet HTML 8Page - National Semiconductor (TI) ADC10080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC10080
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
General Description
The ADC10080 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 10-bit
digital words at 80 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with digital
error correction and an on-chip sample-and-hold circuit to
provide a complete conversion solution, and to minimize
power consumption, while providing excellent dynamic per-
formance. A unique sample-and-hold stage yields a full-
power bandwidth of 400 MHz. Operating on a single 3.0V
power supply, this device consumes just 78.6 mW at
80 MSPS, including the reference current. The Standby
feature reduces power consumption to just 15 mW.
The differential inputs provide a full scale selectable input
swing of 2.0 V
P-P, 1.5 VP-P, 1.0 VP-P, with the possibility of a
single-ended input. Full use of the differential input is recom-
mended for optimum performance. An internal +1.2V preci-
sion bandgap reference is used to set the ADC full-scale
range, and also allows the user to supply a buffered refer-
enced voltage for those applications requiring increased ac-
curacy. The output data format is 10-bit offset binary, or two’s
complement.
This device is available in the 28-lead TSSOP package and
will operate over the industrial temperature range of −40˚C to
+85˚C.
Features
n
Single +3.0V operation
n
Selectable 2.0 V
P-P, 1.5 VP-P, or 1.0 VP-P full-scale input
swing
n
400 MHz −3 dB input bandwidth
n
Low power consumption
n
Standby mode
n
On-chip reference and sample-and-hold amplifier
n
Offset binary or two’s complement data format
n
Separate adjustable output driver supply to
accommodate 2.5V and 3.3V logic families
n
28-pin TSSOP package
Key Specifications
n
Resolution
10 Bits
n
Conversion Rate
80 MSPS
n
Full Power Bandwidth
400 MHz
n
DNL
±0.25 LSB (typ)
n
SNR (f
IN = 10 MHz)
59.5 dB (typ)
n
SFDR (f
IN = 10 MHz)
−78.7 dB (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+3.0V
n
Power Consumption, 80 MHz
78.6 mW
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Cellular Based Stations/Communications Receivers
n
Sonar/Radar
n
xDSL
n
Wireless Local Loops
n
Data Acquisition Systems
n
DSP Front Ends
Connection Diagram
20048501
November 2004
© 2004 National Semiconductor Corporation
DS200485
www.national.com


Similar Part No. - ADC10080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080 TI1-ADC10080 Datasheet
1Mb / 24P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10080 TI1-ADC10080 Datasheet
1Mb / 26P
78.6 mW A/D Converter
ADC10080 TI2-ADC10080 Datasheet
984Kb / 27P
ADC10080 10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
REVISED MARCH 2013
ADC10080 TI2-ADC10080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
ADC10080CIMT/NOPB TI1-ADC10080CIMT/NOPB Datasheet
1Mb / 26P
78.6 mW A/D Converter
More results

Similar Description - ADC10080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV.E
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com