Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8224 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 6Page - Cirrus Logic WM8224 Datasheet HTML 7Page - Cirrus Logic WM8224 Datasheet HTML 8Page - Cirrus Logic WM8224 Datasheet HTML 9Page - Cirrus Logic WM8224 Datasheet HTML 10Page - Cirrus Logic WM8224 Datasheet HTML 11Page - Cirrus Logic WM8224 Datasheet HTML 12Page - Cirrus Logic WM8224 Datasheet HTML 13Page - Cirrus Logic WM8224 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
10
Test Conditions
AVDD = DVDD = 3.3V, AGND = DGND = 0V, TA = 25C
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD
– 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
A
Digital IO Pins
Applied high level input voltage
VIH
0.7
DVDD
V
Applied low level input voltage
VIL
0.2
DVDD
V
High level output voltage
VOH
IOH = 1mA
DVDD
– 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
A
High level input current
IIH
1
A
Input capacitance
CI
5
pF
Output Impedance
Ro
Io = 1mA
38
Ω
High impedance output current
IOZ
1
A
Supply Currents
Analogue supply current
 active
FOL_EN=0
93
mA
FOL_EN=1
141
mA
Digital supply current
 active
FOL_EN=0
7.3
mA
FOL_EN=1
8
mA
Total supply current
 active
FOL_EN=0
100.3
mA
FOL_EN=1
149
mA
Total supply current
 full power
down mode
150
200
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com