Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8224 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 28Page - Cirrus Logic WM8224 Datasheet HTML 29Page - Cirrus Logic WM8224 Datasheet HTML 30Page - Cirrus Logic WM8224 Datasheet HTML 31Page - Cirrus Logic WM8224 Datasheet HTML 32Page - Cirrus Logic WM8224 Datasheet HTML 33Page - Cirrus Logic WM8224 Datasheet HTML 34Page - Cirrus Logic WM8224 Datasheet HTML 35Page - Cirrus Logic WM8224 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
32
SCENARIO 2
Coarse Adjust and Fine Adjust Calibration enabled for the 1
st line, with the Fine Adjust result updated
on the 1
st line only. This scenario is suitable for adjusting for black-level d.c. drift on a frame-by-frame
basis; there will be no line-by-line variation in the black-level from the BLC circuitry. Table 7 shows
which registers are required for this scenario with example settings.
SETUP
REGISTER
BPIX_AVAIL
CADUR
FRAME_START
Value
50
2
1
Table 7 Example Register Settings for Scenario 2
Figure 28 Scenario 2
SCENARIO 3
Coarse Adjust Calibration enabled for the 1
st line, Fine Adjust Calibration enabled every line with the
Fine Adjust result accumulated throughout frame and used every line. This scenario allows any
variation in the black-level to be tracked throughout the frame by accumulating the Fine Adjust result
over multiple lines. This method does not deal with as large amounts of d.c. drift throughout the
frame as scenario 1, but it will produce less line-by-line variation. Table 8 shows which registers are
required for this scenario with example settings.
SETUP
REGISTER
BPIX_AVAIL
CADUR
FRAME_START
FA_EVERYLINE
FA_ACCUM
Value
50
2
1
1
1
Table 8 Example Register Settings for Scenario 3
Figure 29 Scenario 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com