Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8233 Datasheet(PDF) 68 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 64Page - Cirrus Logic WM8233 Datasheet HTML 65Page - Cirrus Logic WM8233 Datasheet HTML 66Page - Cirrus Logic WM8233 Datasheet HTML 67Page - Cirrus Logic WM8233 Datasheet HTML 68Page - Cirrus Logic WM8233 Datasheet HTML 69Page - Cirrus Logic WM8233 Datasheet HTML 70Page - Cirrus Logic WM8233 Datasheet HTML 71Page - Cirrus Logic WM8233 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 146 page
background image
WM8233
68
Rev 4.7
Register 01h Chip ID 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Chip Rev
3:0
CHIP_REV[3:0]
0000
A read returns the device revision number
Register 02h Chip Rev
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
Setup Reg 1
4
ADC3PD
0
ADC powerdown control for channels 5&6
(related PGA and digits goes power down)
0 = normal operation
1 = power down
3
ADC2PD
0
ADC powerdown control for channels 3&4
(related PGA and digits goes power down)
0 = normal operation
1 = power down
2
ADC1PD
0
ADC powerdown control for channels 1&2
(related PGA and digits goes power down)
0 = normal operation
1 = power down
1
PDMD
0
power down mode
0 : standby
1 : sleep
0
PD
0
power down
0 : normal operation
1 : power down
Register 03h Setup Reg 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R4 (04h)
Setup Reg 2
7
VRLC
_TOP_SEL
0
selects output range of VRLCDAC
0 = AVDD
1 = 1.6V
6
PGAFS
0
control PGA input polarity
0 = negative
1 = positive
5
ADCFS
0
control ADC full scale range
0 = 1.2V
1 = 1.8V
1
CLPMD
0
select clamp mode
0 = line clamp
1 = bit clamp
0
CDS
0
CDS mode control
0 = Non-CDS (S/H) mode
1 = CDS mode
Register 04h Setup Reg 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com