Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8233 Datasheet(PDF) 38 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 34Page - Cirrus Logic WM8233 Datasheet HTML 35Page - Cirrus Logic WM8233 Datasheet HTML 36Page - Cirrus Logic WM8233 Datasheet HTML 37Page - Cirrus Logic WM8233 Datasheet HTML 38Page - Cirrus Logic WM8233 Datasheet HTML 39Page - Cirrus Logic WM8233 Datasheet HTML 40Page - Cirrus Logic WM8233 Datasheet HTML 41Page - Cirrus Logic WM8233 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 146 page
background image
WM8233
38
Rev 4.7
C
D5
S0
S1
S2
IN5[0]
IN5[1]
IN5[2]
IN5[3]
D4
IN5[4]
IN5[5]
IN5[6]
IN5[7]
IN5[8]
IN5[9]
IN5[10]
D3
IN5[11]
IN5[12]
IN5[13]
IN5[14]
IN5[15]
IN6[0]
IN6[1]
D2
IN6[2]
IN6[3]
IN6[4]
IN6[5]
IN6[6]
IN6[7]
IN6[8]
D1
IN6[9]
IN6[10]
IN611]
IN6[12]
IN6[13]
IN6[14]
IN6[15]
DCLK
H
H
L
L
L
H
H
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R171 (ABh)
- R175 (AFh)
SEL_PCK*
000
pulse mapping control for CLK*
000 = PO1, 001 = PO2, 010 = PO3, 011 = PO4
100 = PO5, 101 = PO6, 110 = PO7, 111 = PO8
SEL_CLK*
0
mapping control
0 = output clock, 1 = output pulse
R208 (D0h)
- R270 (10Eh)
7
EN_TP*
0
enable toggle point
0 = disable and subsequent toggle point
1 = enable toggle point
6:0
TP*
pixel count of toggle point
R271 (10Fh)
- R310 (136h)
POL*_PO*
polarity of PO* pulse at TP*
R163 (A3h)
7:0
FLAGPIX[7:0]
0000_0000
flag pixel
R164 (A4h)
6:0
FLAGPIX[6:0]
000_0000
flag pixel
R180 (B4h)
3:0
SEL_FLAG[3:0]
0000
select signal to be output as datatrig
0xxx = flagpix, 1000 = PO0, 1001 = PO1, 1010 = PO2,
1011 = PO3, 1100 = PO4, 1101 = PO5, 1110 = PO6
1111 = PO7
R10 (0Ah)
7:4
FLAG_S1[3:0]
0001
output dataflag as S1
(valid only LVDS mode)
0000 = always low, 0001 = start flag
0010 = reserved, 0011 = reserved, 0100 = reserved
0101 = channel ID[0], 0110 = channel ID[1],
0111 = channel ID[2], 1000 = reserved
1001 = reserved, 1010 = reserved, 1011 = reserved,
1100 = reserved, 1101 = reserved, 1110 = reserved
1111 = always high
3:0
FLAG_S0[3:0]
0000
output dataflag as S0
(valid only LVDS mode)
0000 = always low, 0001 = start flag
0010 = reserved, 0011 = reserved, 0100 = reserved
0101 = channel ID[0], 0110 = channel ID[1],
0111 = channel ID[2], 1000 = reserved
1001 = reserved, 1010 = reserved, 1011 = reserved,
1100 = reserved, 1101 = reserved, 1110 = reserved
1111 = always high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com