Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8233 Datasheet(PDF) 19 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 15Page - Cirrus Logic WM8233 Datasheet HTML 16Page - Cirrus Logic WM8233 Datasheet HTML 17Page - Cirrus Logic WM8233 Datasheet HTML 18Page - Cirrus Logic WM8233 Datasheet HTML 19Page - Cirrus Logic WM8233 Datasheet HTML 20Page - Cirrus Logic WM8233 Datasheet HTML 21Page - Cirrus Logic WM8233 Datasheet HTML 22Page - Cirrus Logic WM8233 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 146 page
background image
WM8233
Rev 4.7
19
CDS/NON-CDS PROCESSING
For CCD type input signals, containing a fixed reference/reset level, the signal may be processed
using Correlated Double Sampling (CDS), which will remove pixel-by-pixel common mode noise. With
CDS processing, the input waveform is sampled at two different points in time for each pixel, once
during the reference/reset level and once during the video level. To sample using CDS, register bit
CDS must be set to 1 (default = 0). This causes the signal reference to come from the video reference
level as shown in Figure 13.
For input signals that do not contain a reference/reset level (e.g. CIS sensor signals), non-CDS
processing is used (CDS=0). In this case, the video level is processed with respect to the voltage on
pin VRLC/VBIAS. The VRLC/VBIAS voltage is sampled at the same time as input samples the video
level in this mode. Note that if the A.C. coupling capacitor (CIN) is used in non-CDS mode (CDS=0),
then to minimise code drift, line clamping should be used and internal input voltage buffers enabled
using the CLPMD register bit. Alternatively, if the input signal contains a stable reference/reset level,
then pixel clamping should be used, and the voltage buffers need not be enabled.
CONTROL
INTERFACE
CIN
IN*
VRLC/
VBIAS
VRLCEN
5-BIT
RLCDAC
VRLC_VSEL[4:0]
RLC switch
VSMP
'Video'
sample
capacitor
'Reference'
sample
capacitor
VSMP
CLAMP
CLAMP
VSMP (if CDS=0)
RSMP (if CDS=1)
RSMP (if CDS=1)
VSMP (if CDS=0)
Figure 13 CDS/non-CDS Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com