| Electronic Components Datasheet Search |
|
AMBE2000 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 26 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change 5.2.3 Formatted Input : Word 1 : Control Word 1 Use the 8-bit control word to set various functions. Table 5-B Control Word 1 Format Control Word 1 – 8-bits (See Table 1-F) 7: MSB 6 5 4 3 2 1 0 : LSB Lost Frame Indicator Unused Unused Unused Unused Unused CNI Unused Lost Frame Indicator : Setting the Lost Frame Indicator bit to a 1 will cause the AMBE-2000™ decoder to construct the voice frame using the parameters from the previous frame. This is an effective way to mask the effects of short periods of data loss. This bit should be set by the user when channel data is lost or corrupted. It works by replacing the frame of corrupted data with the previous, intact, frame. Comfort Noise Insertion (CNI) : Setting the CNI bit will cause the decoder to output a frame of comfort noise. This bit is used with systems that are capable of discontinuous transmission (DTX). 5.2.4 Formatted Input : Words 2-6 : Rate Info 0, Rate Info 1, Rate Info 2, Rate Info 3, Rate Info 4 The initial rate of the AMBE-2000 is set through the hardware pins RATE_SEL[4-0] (see Section 7.2 and Tables 7-A and 7-B) after resetting the device. The coding rate can then be modified for both the encoder and the decoder through the Unformatted channel interface. The Rate Selector control field (describe in section) determines where to apply the rate change. The AMBE-2000 used these five words to set the source and FEC coding rates. Tables 5-C and 5-D list predefined value for various source and FEC rates. The software configurations in Table 4-C are compatible for use with the AMBE-1000™. If compatibility is not an issue, use the software codes in Table 4-D to select speech and FEC rates to optimize use of the AMBE- 2000™. Table 5-C Rate Selection Using Rate Info 0-4, compatible w/ AMBE-1000™ Rate Info 0 Rate Info 1 Rate Info 2 Rate Info 3 Rate Info 4 Speech Rate (bps) FEC Rate (bps) Total Rate (bps) 0x9030 0x0000 0x0000 0x0000 0x4330 2400 0 0x902f 0x0000 0x0000 0x0000 0x6930 2350 50 2400 0x9348 0x0000 0x0000 0x0000 0x6f48 3600 0 0x9243 0x0080 0x0000 0x0000 0x5348 3350 250 3600 0xab50 0x0000 0x0000 0x0000 0x3950 4000 0 0x934b 0x0080 0x0000 0x0000 0x3950 3750 250 4000 0xab60 0x0000 0x0000 0x0000 0x7960 4800 0 0xab5b 0x0080 0x0000 0x0000 0x6860 4550 250 0x9348 0x2030 0x0000 0x0000 0x7060 3600 1200 0x923e 0x2800 0x0000 0x0000 0x7460 3100 1700 4800 0xab53 0x2c00 0x0000 0x0000 0x5680 4150 2250 6400 0xab58 0x3000 0x0000 0x0000 0x4490 4400 2800 7200 0xbf9b 0x0080 0x0000 0x0000 0x49a0 7750 250 0xab5d 0x3400 0x0000 0x0000 0x31a0 4650 3350 8000 0xbfc0 0x0000 0x0000 0x0000 0x72c0 9600 0 0xab16 0xe400 0x0000 0x0000 0x67c0 4850 4750 9600 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |