Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMBE2000 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 38
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
7 Special Functions
7.1
Hardware vs. Software Selection Note
Many of the functions of the AMBE-2000™ can be accessed through both a hardware and software interfaces to the device.
The following hardware inputs, CHANN_SEL[1-0], RATE_SEL[4-0], CODEC_SEL[1-0], VAD_EN, ECHOCAN_EN, and
SLEEP_EN, are only accessed for input during the first 200 microseconds after a hardware reset on RESETN. For predictable
operation these signals must remain stable over this time period. After this initialization period the functions that these pins
access can only be reconfigured through the Control Word interface described in section 5.3.4. Changes on these pins after the
200 microseconds initialization period after reset are ignored, unless another reset is performed.
7.2
Coding Rate Selection
The Voice coding rate as well as the FEC coding rate can be selected individually on the AMBE-2000™. These rates are
selected by using a Control Word as described in section 5.3.4, or through hardware pins RATE_SEL[4-0] subject to the
restrictions in section 7.1. The five input pins RATE_SEL[4-0] give 16 preconfigured voice/FEC rates. The voice and FEC
rates are individually configurable in 50 bit per second intervals. If rates other than these are desired then the Control Word
method of configuring the rates must be used.
Table 7-A Rate Selection Using Rate Info 0-4, compatible w/ AMBE-1000™
RATE_SEL4
Pin
RATE_SEL3
Pin
RATE_SEL2
Pin
RATE_SEL1
Pin
RATE_SEL0
Pin
Speech Rate
(bps)
FEC Rate
(bps)
Total Rate
(bps)
0
0
0
0
0
2400
0
0
0
1
0
1
2350
50
2400
0
0
0
0
1
3600
0
0
1
0
1
1
3350
250
3600
0
1
1
1
1
4000
0
0
1
1
1
0
3750
250
4000
0
0
0
1
1
4800
0
0
0
1
1
1
4550
250
0
0
0
1
0
3600
1200
0
1
0
0
0
3100
1700
4800
0
1
0
1
0
4150
2250
6400
0
1
0
0
1
4400
2800
7200
0
1
1
0
0
7750
250
0
1
1
0
1
4650
3350
8000
0
0
1
0
0
9600
0
0
0
1
1
0
4850
4750
9600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com