| Electronic Components Datasheet Search |
|
AMBE2000 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers |
|
19 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 19 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change 4 Channel Interface 4.1 Overview The Channel Interface is the general term used for the interface for the compressed bits coming from the encoder and the compressed bits going to the decoder. This same interface is also used to output status information from the encoder and decoder such as whether a DTMF tone has just been detected in the speech input, or whether the decoder has detected and synthesized a frame of silence. Additionally, this interface is used to perform more complex control operations on both the encoder and decoder (usually at start-up). These control functions include speech data and FEC rate control as well as enabling features such as echo cancellation. It is important to realize that not all data being output from the AMBE-2000 is intended for transmission over the channel. Status type of data is typically only useful at the ‘local’ end. In most voice transmission systems, the actual encoded bits are extracted from the channel formatting, combined into the systems transmission stream, sent over the transmission path, extracted from the transmission path at the receiving end, and reassembled into the AMBE-2000’s channel format for synthesis by the decoder. Figure 4-A Channel Interface Overview Overhead Data (Header, Status) Voice Data (48 to 192 bits) System extracts relevant Voice Data bits and formats them for transmission over Channel System Overhead Voice Data (48 to 192 bits) Typical Voice Frame Output From Encoder Overhead Data (Header, Control) Voice Data (48 to 192 bits) Typical Voice Frame Input to the Decoder System extracts relevant Voice Data bits and formats them for Input into the Decoder adding Header and Control Information Transmission Channel 4.2 Serial Configuration Selection The hardware interface to the Channel Interface is configured as a serial interface based exclusively on the hardware settings of CHANN_SEL[1-0]. See Table 4-A. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |