Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C66113-PVC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C66113-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66113-PVC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C66113-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 13Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 11 of 58
4.0
Product Summary Tables
4.1
Pin Assignments
4.2
I/O Register Summary
I/O registers are accessed via the I/O Read (IORD) and I/O Write (IOWR, IOWX) instructions. IORD reads data from the selected
port into the accumulator. IOWR performs the reverse; it writes data from the accumulator to the selected port. Indexed I/O Write
(IOWX) adds the contents of X to the address in the instruction to form the port address and writes data from the accumulator to
the specified port. Specifying address 0 (e.g., IOWX 0h) means the I/O register is selected solely by the contents of X.
All undefined registers are reserved. It is important not to write to reserved registers as this may cause an undefined operation
or increased current consumption during operation. When writing to registers with reserved bits, the reserved bits must be written
with ‘0.’
Table 4-1. Pin Assignments
Name
I/O
48-Pin
56-Pin
Description
D+[0], D–[0]
I/O
8, 9
8, 9
Upstream port, USB differential data.
D+[1], D–[1]
I/O
12, 13
13, 14
Downstream port 1, USB differential data.
D+[2], D–[2]
I/O
15, 16
16, 17
Downstream port 2, USB differential data.
D+[3], D–[3]
I/O
40, 41
48, 49
Downstream port 3, USB differential data.
D+[4], D–[4]
I/O
35, 36
44, 45
Downstream port 4, USB differential data.
P0[7:0]
I/O
21, 25, 22, 26,
23, 27, 24, 28
22, 32, 23, 33,
24, 34, 25, 35
GPIO Port 0.
P1[7:0]
I/O
6, 43, 5, 44, 4,
45, 47, 46
6, 51, 5, 52, 4,
53, 55, 54
GPIO Port 1.
P2[7:0]
I/O
19, 30, 18, 31,
17, 33, 14, 34
20, 38, 19, 39,
18, 41, 15, 42
GPIO Port 2.
P3[6:0]
I/O
37, 10, 39, 7, 42 43, 12, 46, 10,
47, 7, 50
GPIO Port 3, capable of sinking 12 mA (typical).
DAC[7:0]
I/O
n/a
21, 29, 26, 30,
27, 31, 28, 37
Digital to Analog Converter (DAC) Port with programmable current
sink outputs. DAC[1:0] offer a programmable range of 3.2 to 16 mA
typical. DAC[7:2] have a programmable sink current range of 0.2 to 1.0
mA typical.
XTALIN
IN
2
2
6-MHz crystal or external clock input.
XTALOUT
OUT
1
1
6-MHz crystal out.
VPP
29
36
Programming voltage supply, tie to ground during normal
operation.
VCC
48
56
Voltage supply.
GND
11, 20, 32, 38
11, 40
Ground.
VREF
IN
3
3
External 3.3V supply voltage for the differential data output buffers
and the D+ pull-up.
Table 4-2. I/O Register Summary
Register Name
I/O Address
Read/Write
Function
Page
Port 0 Data
0x00
R/W
GPIO Port 0 Data
20
Port 1 Data
0x01
R/W
GPIO Port 1 Data
20
Port 2 Data
0x02
R/W
GPIO Port 2 Data
20
Port 3 Data
0x03
R/W
GPIO Port 3 Data
20
Port 0 Interrupt Enable
0x04
W
Interrupt Enable for Pins in Port 0
21
Port 1 Interrupt Enable
0x05
W
Interrupt Enable for Pins in Port 1
22
Port 2 Interrupt Enable
0x06
W
Interrupt Enable for Pins in Port 2
22
Port 3 Interrupt Enable
0x07
W
Interrupt Enable for Pins in Port 3
22
GPIO Configuration
0x08
R/W
GPIO Port Configurations
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com