Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C66113-PVC Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY7C66113-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66113-PVC Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY7C66113-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 13Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 15Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 12 of 58
HAPI and I2C Configuration
0x09
R/W
HAPI Width and I2C Position Configuration
24
USB Device Address A
0x10
R/W
USB Device Address A
39
EP A0 Counter Register
0x11
R/W
USB Address A, Endpoint 0 Counter
41
EP A0 Mode Register
0x12
R/W
USB Address A, Endpoint 0 Configuration
40
EP A1 Counter Register
0x13
R/W
USB Address A, Endpoint 1 Counter
41
EP A1 Mode Register
0x14
R/W
USB Address A, Endpoint 1 Configuration
41
EP A2 Counter Register
0x15
R/W
USB Address A, Endpoint 2 Counter
41
EP A2 Mode Register
0x16
R/W
USB Address A, Endpoint 2 Configuration
41
USB Status & Control
0x1F
R/W
USB Upstream Port Traffic Status and Control
38
Global Interrupt Enable
0x20
R/W
Global Interrupt Enable
29
Endpoint Interrupt Enable
0x21
R/W
USB Endpoint Interrupt Enables
29
Interrupt Vector
0x23
R
Pending Interrupt Vector Read/Clear
31
Timer (LSB)
0x24
R
Lower 8 Bits of Free-running Timer (1 MHz)
24
Timer (MSB)
0x25
R
Upper 4 Bits of Free-running Timer
24
WDT Clear
0x26
W
Watchdog Timer Clear
18
I2C Control & Status
0x28
R/W
I2C Status and Control
25
I2C Data
0x29
R/W
I2C Data
25
DAC Data
0x30
R/W
DAC Data
23
DAC Interrupt Enable
0x31
W
Interrupt Enable for each DAC Pin
23
DAC Interrupt Polarity
0x32
W
Interrupt Polarity for each DAC Pin
23
DAC Isink
0x38-0x3F
W
Input Sink Current Control for each DAC Pin
23
USB Device Address B
0x40
R/W
USB Device Address B (not used in 5-endpoint mode) 39
EP B0 Counter Register
0x41
R/W
USB Address B, Endpoint 0 Counter
41
EP B0 Mode Register
0x42
R/W
USB Address B, Endpoint 0 Configuration, or
USB Address A, Endpoint 3 in 5-endpoint mode
40
EP B1 Counter Register
0x43
R/W
USB Address B, Endpoint 1 Counter
41
EP B1 Mode Register
0x44
R/W
USB Address B, Endpoint 1 Configuration, or
USB Address A, Endpoint 4 in 5-endpoint mode
41
Hub Port Connect Status
0x48
R/W
Hub Downstream Port Connect Status
34
Hub Port Enable
0x49
R/W
Hub Downstream Ports Enable
35
Hub Port Speed
0x4A
R/W
Hub Downstream Ports Speed
35
Hub Port Control (Ports [4:1])
0x4B
R/W
Hub Downstream Ports Control
36
Hub Port Suspend
0x4D
R/W
Hub Downstream Port Suspend Control
37
Hub Port Resume Status
0x4E
R
Hub Downstream Ports Resume Status
37
Hub Ports SE0 Status
0x4F
R
Hub Downstream Ports SE0 Status
36
Hub Ports Data
0x50
R
Hub Downstream Ports Differential data
37
Hub Downstream Force Low
0x51
R/W
Hub Downstream Ports Force LOW
36
Processor Status & Control
0xFF
R/W
Microprocessor Status and Control Register
28
Table 4-2. I/O Register Summary (continued)
Register Name
I/O Address
Read/Write
Function
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com