Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C66113-PVC Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CY7C66113-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66113-PVC Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CY7C66113-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 36 of 58
Register is cleared upon reset or bus reset, and the reset state is the state for normal USB traffic. Any downstream port being
forced must be marked as disabled (Figure 18-3) for proper operation of the hub repeater.
Firmware should use this register for driving bus reset and resume signaling to downstream ports. Controlling the port pins through
this register uses standard USB edge rate control according to the speed of the port, set in the Hub Port Speed Register.
The downstream USB ports are designed for connection of USB devices, but can also serve as output ports under firmware
control. This allows unused USB ports to be used for functions such as driving LEDs or providing additional input signals. Pulling
up these pins to voltages above VREF may cause current flow into the pin.
This register is not reset by bus reset. These bits must be cleared before going into suspend.
Hub Downstream Ports Control Register
ADDRESS
0x4B
An alternate means of forcing the downstream ports is through the Hub Ports Force Low Register (Figure 18-5) and Hub Ports
Force High Register (Figure 18-6). With these registers the pins of the downstream ports can be individually forced LOW, or left
unforced. Unlike the Hub Downstream Ports Control Register, above, the Force Low Register does not produce standard USB
edge rate control on the forced pins. However, this register allows downstream port pins to be held LOW in suspend. This register
can be used to drive SE0 on all downstream ports when unconfigured, as required in the USB 1.1 specification.
Hub Ports Force Low
ADDRESS
0x51
Hub Ports Force Low
ADDRESS
0x52
The data state of downstream ports can be read through the HUB Ports SE0 Status Register (Figure 18-7) and the Hub Ports
Data Register (Figure 18-8). The data read from the Hub Ports Data Register is the differential data only and is independent of
the settings of the Hub Ports Speed Register (Figure 18-2). When the SE0 condition is sensed on a downstream port, the
corresponding bits of the Hub Ports Data Register hold the last differential data state before the SE0. Hub Ports SE0 Status
Register and Hub Ports Data Register are cleared upon reset or bus reset.
Hub Ports SE0 Status
ADDRESS
0x4F
Bit #
76543210
Bit Name
Port 4
Control Bit 1
Port 4
Control Bit 0
Port 3
Control Bit 1
Port 3
Control Bit 0
Port 2
Control Bit 1
Port 2
Control Bit 0
Port 1
Control Bit 1
Port 1
Control Bit 0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
00000000
Figure 18-4. Hub Downstream Ports Control Register
Table 18-1. Control Bit Definition for Downstream Ports
Control Bits
Control Action
Bit1
Bit 0
0
0
Not Forcing (Normal USB Function)
0
1
Force Differential ‘1’ (D+ HIGH, D– LOW)
1
0
Force Differential ‘0’ (D+ LOW, D– HIGH)
1
1
Force SE0 state
Bit #
765432
1
0
Bit Name
Force Low
D+[4]
Force Low
D-[4]
Force Low
D+[3]
Force Low
D–[3]
Force Low
D+[2]
Force Low
D–[2]
Force Low
D+[1]
Force Low
D–[1]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
000000
0
0
Figure 18-5. Hub Ports Force Low Register
Bit #
7
6
5
43
21
0
Bit Name
Reserved
Reserved
Force Low
D+[7]
Force Low
D–[7]
Force Low
D+[6]
Force Low
D–[6]
Force Low
D+[5]
Force Low
D–[5]
Read/Write
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Reset
-
-
0
00
00
0
Figure 18-6. Hub Ports Force Low Register
Bit #
7
654
321
0
Bit Name
Reserved
Port 7
SE0 Status
Port 6
SE0 Status
Port 5
SE0 Status
Port 4
SE0 Status
Port 3
SE0 Status
Port 2
SE0 Status
Port 1
SE0 Status
Read/Write
R
RRR
RRR
R
Reset
0
000
000
0
Figure 18-7. Hub Ports SE0 Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com