Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274MFKB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274MFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274MFKB Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC2274MFKB Datasheet HTML 18Page - Texas Instruments TLC2274MFKB Datasheet HTML 19Page - Texas Instruments TLC2274MFKB Datasheet HTML 20Page - Texas Instruments TLC2274MFKB Datasheet HTML 21Page - Texas Instruments TLC2274MFKB Datasheet HTML 22Page - Texas Instruments TLC2274MFKB Datasheet HTML 23Page - Texas Instruments TLC2274MFKB Datasheet HTML 24Page - Texas Instruments TLC2274MFKB Datasheet HTML 25Page - Texas Instruments TLC2274MFKB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
g
BAT
g
R
4 (Tol)
V
R R
´
+
g
OUT
S
LOAD
R
V
R
I
R
=
´
´
g
g
OUT
BAT
S
LOAD
g
g
R
R
2R
V
(4 Tol)
V
1
2 Tol 1
R
I
R R
R R
R
æ
ö
æ
ö
ç
÷
= ±
´
+
±
ç +
÷
´
´
ç
÷
ç
÷
+
+
è
ø
è
ø
DR
Tol
R
=
22
TLC2274M-MIL
SLOS985 – JUNE 2017
www.ti.com
Product Folder Links: TLC2274M-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
However, as the resistors have tolerances, they cannot be perfectly matched.
R1 = R ± ΔR1
R2 = R2 ± ΔR2
R = R ± ΔR
Rg = Rg ± ΔRg
(4)
By developing the equations and neglecting the second order, the worst case is when the tolerances add up.
This is shown by Equation 5.
where
•
Tol = 0.01 for 1%
•
Tol = 0.001 for 0.1%
(5)
If the resistors are perfectly matched, then Tol = 0 and VOUT is calculated using Equation 6.
(6)
The highest error is from the common mode, as shown in Equation 7.
(7)
Gain of 10, Rg / R = 10, and Tol = 1%:
Common mode error = ((4 × 0.01) / 1.1) × 12 V = 0.436 V
Gain of 10 and Tol = 0.1%:
Common mode error = 43.6 mV
The resistors were chosen from 2% batches.
R1 and R 12 kΩ
R2 and Rg 120 kΩ
Ideal Gain = 120 / 12 = 10
The measured value of the resistors:
R1 = 11.835 kΩ
R = 11.85 kΩ
R2 = 117.92 kΩ
Rg = 118.07 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com