Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274MFKB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274MFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274MFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2274MFKB Datasheet HTML 8Page - Texas Instruments TLC2274MFKB Datasheet HTML 9Page - Texas Instruments TLC2274MFKB Datasheet HTML 10Page - Texas Instruments TLC2274MFKB Datasheet HTML 11Page - Texas Instruments TLC2274MFKB Datasheet HTML 12Page - Texas Instruments TLC2274MFKB Datasheet HTML 13Page - Texas Instruments TLC2274MFKB Datasheet HTML 14Page - Texas Instruments TLC2274MFKB Datasheet HTML 15Page - Texas Instruments TLC2274MFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
− 5
− 75
−50
−25
0
25
50
75
100
125
− 1
− 3
7
11
15
TA − Free-Air Temperature − °C
VID = 100 mV
VID = − 100 mV
VO = 0 V
VDD = ± 5 V
3
2
1
0
800
4
5
1200
VID − Differential Input Voltage − µV
− 800
−400
400
0
VDD = 5 V
TA = 25°C
RL = 10 kΩ
VIC = 2.5 V
4
0
2
3
4
8
12
16
5
6
7
8
|VDD ±| − Supply Voltage − V
VID = 100 mV
VO = 0 V
TA = 25°C
− 8
VID = −100 mV
− 4
2
1
0
10 k
100 k
1 M
3
f − Frequency − Hz
4
10 M
6
5
7
8
9
10
VDD = 5 V
VDD = ± 5 V
RL = 10 kΩ
TA = 25°C
3
2
1
0
1
2
3
4
5
4
5
|IO| − Output Current − mA
TA = − 55°C
TA = 25°C
TA = 125°C
VDD ± = ± 5 V
0
1
2
3
4
5
6
IO − Output Current − mA
VDD = ± 5 V
VIC = 0 V
TA = 125°C
TA = 25°C
TA = − 55°C
− 3.8
− 4
− 4.2
− 4.4
− 4.6
− 4.8
− 5
12
TLC2274M-MIL
SLOS985 – JUNE 2017
www.ti.com
Product Folder Links: TLC2274M-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 13. Maximum Positive Peak Output Voltage vs
Output Current
Figure 14. Maximum Negative Peak Output Voltage vs
Output Current
Figure 15. Maximum Peak-to-Peak Output Voltage vs
Frequency
Figure 16. Short-Circuit Output Current vs Supply Voltage
Figure 17. Short-Circuit Output Current vs
Ambient Temperature
Figure 18. Output Voltage vs Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com