Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274MFKB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274MFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274MFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC2274MFKB Datasheet HTML 11Page - Texas Instruments TLC2274MFKB Datasheet HTML 12Page - Texas Instruments TLC2274MFKB Datasheet HTML 13Page - Texas Instruments TLC2274MFKB Datasheet HTML 14Page - Texas Instruments TLC2274MFKB Datasheet HTML 15Page - Texas Instruments TLC2274MFKB Datasheet HTML 16Page - Texas Instruments TLC2274MFKB Datasheet HTML 17Page - Texas Instruments TLC2274MFKB Datasheet HTML 18Page - Texas Instruments TLC2274MFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
3
2
1
4
− 75
−50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
AV = 1
SR +
SR −
0
5
2
1
0
1
2
3
4
5
3
4
5
6
7
8
9
t − Time − µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = − 1
0
− 75
− 50
− 25
0
25
50
75
100
125
0
1.2
2.4
3.6
4.8
6
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = ± 5 V
VO = 0 V
0
1
2
3
CL − Load Capacitance − pF
10 k
1 k
100
10
SR +
SR −
4
5
VDD = 5 V
AV = − 1
TA = 25°C
TA − Free-Air Temperature − °C
− 75
− 50
−25
0
25
50
75
100
125
100
95
90
85
105
110
VDD ± = ± 2.2 V to ± 8 V
VO = 0 V
0
1
2
3
4
5
6
7
8
0
1.2
2.4
3.6
4.8
6
|VDD ± | − Supply Voltage − V
VO = 0 V
No Load
TA = 25°C
TA = − 55°C
TA = 125°C
15
TLC2274M-MIL
www.ti.com
SLOS985 – JUNE 2017
Product Folder Links: TLC2274M-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 31. Supply-Voltage Rejection Ratio vs
Ambient Temperature
Figure 32. Supply Current vs Supply Voltage
Figure 33. Supply Current vs Ambient Temperature
Figure 34. Slew Rate vs Load Capacitance
Figure 35. Slew Rate vs Ambient Temperature
Figure 36. Inverting Large-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com