| Electronic Components Datasheet Search |
|
TLC2202MFKB Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2202MFKB Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 29 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2201M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2201AM TLC2201BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 80 200 80 200 V VIO Input offset voltage Full range 400 400 µV VIO Temperature coefficient of Full range 0.5 0.5 V/ °C αVIO Temperature coefficient of input offset voltage Full range 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.001 0.005 0.001 0.005 µV/mo IIO Input offset current 25 °C 0.5 60 0.5 60 pA IIO Input offset current Full range 500 500 pA IIB Input bias current 25 °C 1 60 1 60 pA IIB Input bias current Full range 500 500 pA Common-mode input −5 −5 VICR Common-mode input voltage range RS = 50 Ω Full range −5 to −5 to V VICR voltage range RS = 50 Ω Full range to 2.7 to 2.7 V VOM+ Maximum positive peak 25 °C 4.7 4.8 4.7 4.8 V VOM+ Maximum positive peak output voltage swing RL = 10 kΩ Full range 4.7 4.7 V VOM − Maximum negative peak RL = 10 kΩ 25 °C − 4.7 − 4.9 − 4.7 − 4.9 V VOM − Maximum negative peak output voltage swing Full range − 4.7 − 4.7 V VO = ± 4 V, 25 °C 400 560 400 560 AVD Large-signal differential VO = ± 4 V, RL = 500 kΩ Full range 200 200 V/mV AVD Large-signal differential voltage amplification VO = ± 4 V, 25 °C 90 100 90 100 V/mV voltage amplification VO = ± 4 V, RL = 10 kΩ Full range 45 45 CMRR Common-mode rejection VIC = VICRmin, 25 °C 90 115 90 115 dB CMRR Common-mode rejection ratio VO = 0, RS = 50 Ω Full range 85 85 dB kSVR Supply voltage rejection VDD = ± 2.3 V to ± 8 V 25 °C 90 110 90 110 dB kSVR Supply voltage rejection ratio ( ∆VDD±/∆VIO) VDD ± = ±2.3 V to ±8 V Full range 85 85 dB IDD Supply current VO = 0, No load 25 °C 1.1 1.5 1.1 1.5 mA IDD Supply current VO = 0, No load Full range 1.5 1.5 mA † Full range is − 55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observable through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |