| Electronic Components Datasheet Search |
|
TLC2202MFKB Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2202MFKB Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 43 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Table of Graphs FIGURE VIO Input offset voltage Distribution 5, 6 IIB Input bias current vs Common-mode input voltage 7 IIB Input bias current vs Common-mode input voltage vs Free-air temperature 7 8 VOM Maximum peak output voltage vs Output current 9 VOM Maximum peak output voltage vs Output current vs Free-air temperature 9 10 VO(PP) Maximum peak-to-peak output voltage vs Frequency 11 vs Frequency 12 VOH High-level output voltage vs Frequency vs High-level output current 12 13 VOH High-level output voltage vs High-level output current vs Free-air temperature 13 14 VOL Low-level output voltage vs Low-level output current 15 VOL Low-level output voltage vs Low-level output current vs Free-air temperature 15 16 AVD Large-signal differential voltage amplification vs Frequency 17 AVD Large-signal differential voltage amplification vs Frequency vs Free-air temperature 17 18 IOS Short-circuit output current vs Supply voltage 19 IOS Short-circuit output current vs Supply voltage vs Free-air temperature 19 20 CMRR Common-mode rejection ratio vs Frequency 21 IDD Supply current vs Supply voltage 22 IDD Supply current vs Supply voltage vs Free-air temperature 22 23, 24 Pulse response Small signal 25, 26 Pulse response Small signal Large signal 25, 26 27, 28 SR Slew rate vs Supply voltage 29 SR Slew rate vs Supply voltage vs Free-air temperature 29 30 Noise voltage (referred to input) 0.1 to 1 Hz 31 Noise voltage (referred to input) 0.1 to 1 Hz 0.1 to 10 Hz 31 32 Gain-bandwidth product vs Supply voltage 33, 34 Gain-bandwidth product vs Supply voltage vs Free-air temperature 33, 34 35 φm Phase margin vs Supply voltage 36, 37 φm Phase margin vs Supply voltage vs Free-air temperature 36, 37 38, 39 Phase shift vs Frequency 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |