| Electronic Components Datasheet Search |
|
TLC2202MFKB Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2202MFKB Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 38 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202M electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2202AM TLC2202BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 80 500 80 500 V VIO Input offset voltage Full range 750 750 µV VIO Temperature coefficient of Full range 0.5 0.5 V/ °C αVIO Temperature coefficient of input offset voltage Full range 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.001 0.005* 0.001 0.005* µV/mo IIO Input offset current 25 °C 0.5 60 0.5 60 pA IIO Input offset current Full range 500 500 pA IIB Input bias current 25 °C 1 60 1 60 pA IIB Input bias current Full range 500 500 pA Common-mode input 0 0 VICR Common-mode input voltage range RS = 50 Ω Full range 0 to 0 to V VICR voltage range RS = 50 Ω Full range to 2.7 to 2.7 V VOH Maximum high-level output RL = 10 kΩ 25 °C 4.7 4.8 4.7 4.8 V VOH Maximum high-level output voltage RL = 10 kΩ Full range 4.7 4.7 V VOL Maximum low-level output IO = 0 25 °C 0 50 0 50 mV VOL Maximum low-level output voltage IO = 0 Full range 50 50 mV VO = 1 V to 4 V, 25 °C 150 315 150 315 AVD Large-signal differential VO = 1 V to 4 V, RL = 500 kΩ Full range 75 75 V/mV AVD Large-signal differential voltage amplification VO = 1 V to 4 V, 25 °C 25 55 25 55 V/mV voltage amplification VO = 1 V to 4 V, RL = 10 kΩ Full range 10 10 CMRR Common-mode rejection VO = 0, VIC = VICRmin, 25 °C 75 110 75 110 dB CMRR Common-mode rejection ratio VO = 0, VIC = VICRmin, RS = 50 Ω Full range 75 75 dB kSVR Supply-voltage rejection VDD = 4.6 V to 16 V 25 °C 80 110 80 110 dB kSVR Supply-voltage rejection ratio ( ∆VDD± /∆VIO) VDD = 4.6 V to 16 V Full range 80 80 dB IDD Supply current VO = 2.5 V, No load 25 °C 1.7 2.6 1.7 2.6 mA IDD Supply current VO = 2.5 V, No load Full range 2.6 2.6 mA * On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is − 55°C to 125°C NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |