Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144CDWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144CDWR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2144CDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLE2144CDWR Datasheet HTML 18Page - Texas Instruments TLE2144CDWR Datasheet HTML 19Page - Texas Instruments TLE2144CDWR Datasheet HTML 20Page - Texas Instruments TLE2144CDWR Datasheet HTML 21Page - Texas Instruments TLE2144CDWR Datasheet HTML 22Page - Texas Instruments TLE2144CDWR Datasheet HTML 23Page - Texas Instruments TLE2144CDWR Datasheet HTML 24Page - Texas Instruments TLE2144CDWR Datasheet HTML 25Page - Texas Instruments TLE2144CDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183D − FEBRUARY 1997 − REVISED OCTOBER 2012
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2142I electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
T †
TLE2142I
TLE2142AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
220
1900
220
1500
V
VIO
Input offset voltage
Full range
2400
2000
μV
Temperature coefficient
Full range
17
17
V/°C
αVIO
Temperature coefficient
of input offset voltage
VO = 2.5 V,
RS = 50 Ω,
Full range
1.7
1.7
μV/°C
I
Input offset current
VO = 2.5 V,
VIC = 2.5 V
RS = 50 Ω,
25°C
8
100
8
100
nA
IIO
Input offset current
IC
Full range
200
200
nA
I
Input bias current
25°C
−0.8
−2
−0.8
−2
A
IIB
Input bias current
Full range
−2.2
−2.2
μA
0
−0.3
0
−0.3
25°C
0
to
−0.3
to
0
to
−0.3
to
V
Common-mode input
R
50 Ω
25 C
to
3
to
3.2
to
3
to
3.2
V
VICR
Common mode input
voltage range
RS = 50 Ω
0
−0.3
0
−0.3
V
voltage range
Full range
0
to
−0.3
to
0
to
−0.3
to
Full range
to
2.7
to
2.9
to
2.7
to
2.9
IOH = −150 μA
3.9
4.1
3.9
4.1
IOH = −1.5 mA
25°C
3.8
4
3.8
4
V
High level output voltage
IOH = −15 mA
3.4
3.7
3.4
3.7
V
VOH
High-level output voltage
IOH = 100 μA
3.8
3.8
V
IOH = 1 mA
Full range
3.7
3.7
IOH = 10 mA
3.5
3.5
IOl = 150 μA
75
125
75
125
mV
IOL = 1.5 mA
25°C
150
225
150
225
mV
V
Low level output voltage
IOL = 15 mA
1.2
1.4
1.2
1.4
V
VOL
Low-level output voltage
IOL = 100 μA
175
175
mV
IOL = 1 mA
Full range
225
225
mV
IOL = 10 mA
1.2
1.2
V
A
Large-signal differential
VIC = ±2.5 V,
RL = 2 kΩ,
25°C
50
220
50
220
V/mV
AVD
Large signal differential
voltage amplification
VIC = ±2.5 V,
RL = 2 kΩ,
VO = 1 V to −1.5 V
Full range
10
10
V/mV
ri
Input resistance
25°C
70
70
MΩ
ci
Input capacitance
25°C
2.5
2.5
pF
zo
Open-loop output
impedance
f = 1 MHz
25°C
30
30
Ω
CMRR
Common-mode rejection
V
V
min
R
50 Ω
25°C
85
118
85
118
dB
CMRR
Common mode rejection
ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
80
dB
k
Supply-voltage rejection
VCC± = ±2.5 V to ±15 V,
25°C
90
106
90
106
dB
kSVR
Supply voltage rejection
ratio (ΔVCC± /ΔVIO)
VCC± = ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
I
Supply current
VO = 2.5 V,
No load,
25°C
6.6
8.8
6.6
8.8
mA
ICC
Supply current
VO = 2.5 V,
VIC = 2.5 V
No load,
Full range
9.2
9.2
mA
† Full range is − 40°C to 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com