Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144CDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144CDWR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2144CDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2144CDWR Datasheet HTML 6Page - Texas Instruments TLE2144CDWR Datasheet HTML 7Page - Texas Instruments TLE2144CDWR Datasheet HTML 8Page - Texas Instruments TLE2144CDWR Datasheet HTML 9Page - Texas Instruments TLE2144CDWR Datasheet HTML 10Page - Texas Instruments TLE2144CDWR Datasheet HTML 11Page - Texas Instruments TLE2144CDWR Datasheet HTML 12Page - Texas Instruments TLE2144CDWR Datasheet HTML 13Page - Texas Instruments TLE2144CDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183D − FEBRUARY 1997 − REVISED OCTOBER 2012
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2142C electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
T †
TLE2142C
TLE2142AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
220
1900
200
1500
V
VIO
Input offset voltage
Full range
2200
1800
μV
Temperature coefficient of
Full range
17
17
V/°C
αVIO
Temperature coefficient of
input offset voltage
VO = 2.5 V,
RS = 50 Ω,
Full range
1.7
1.7
μV/°C
I
Input offset current
VO = 2.5 V,
VIC = 2.5 V
RS = 50 Ω,
25°C
8
100
8
100
nA
IIO
Input offset current
IC
Full range
150
150
nA
I
Input bias current
25°C
−0.8
−2
−0.8
−2
A
IIB
Input bias current
Full range
−2.1
−2.1
μA
0
−0.3
0
−0.3
25°C
0
to
−0.3
to
0
to
−0.3
to
V
Common-mode input
R
50 Ω
25 C
to
3
to
3.2
to
3
to
3.2
V
VICR
Common mode input
voltage range
RS = 50 Ω
0
0
V
voltage range
Full range
0
to
0
to
Full range
to
2.9
to
2.9
I
150 A
25°C
3.9
4.1
3.9
4.1
IOH = −150 μA
Full range
3.8
3.8
V
High level output voltage
I
1 5 mA
25°C
3.8
4
3.8
4
V
VOH
High-level output voltage
IOH = −1.5 mA
Full range
3.7
3.7
V
I
15 mA
25°C
3.4
3.7
3.4
3.7
IOH = −15 mA
Full range
3.4
3.4
I
150 A
25°C
75
125
75
125
IOL = 150 μA
Full range
150
150
mV
V
Low level output voltage
I
1 5 mA
25°C
150
225
150
225
mV
VOL
Low-level output voltage
IOL = 1.5 mA
Full range
250
250
I
15 mA
25°C
1.2
1.4
1.2
1.4
V
IOL = 15 mA
Full range
1.5
1.5
V
A
Large-signal differential
VCC = ±2.5 V, RL = 2 kΩ,
25°C
50
220
50
220
V/mV
AVD
Large signal differential
voltage amplification
VCC = ±2.5 V, RL = 2 kΩ,
VO = 1 V to −1.5 V
Full range
25
25
V/mV
ri
Input resistance
25°C
70
70
MΩ
ci
Input capacitance
25°C
2.5
2.5
pF
zo
Open-loop output
impedance
f = 1 MHz
25°C
30
30
Ω
CMRR
Common-mode
V
V
min R
50 Ω
25°C
85
118
85
118
dB
CMRR
Common mode
rejection ratio
VIC = VICRmin, RS = 50 Ω
Full range
80
80
dB
k
Supply-voltage rejection
VCC± = ±2.5 V to ±15 V,
25°C
90
106
90
106
dB
kSVR
Supply voltage rejection
ratio (ΔVCC± /ΔVIO)
VCC± = ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
I
Supply current
VO = 2.5 V,
No load,
25°C
6.6
8.8
6.6
8.8
mA
ICC
Supply current
VO = 2.5 V,
VIC = 2.5 V
No load,
Full range
9.2
9.2
mA
† Full range is 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com