Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144CDWR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144CDWR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2144CDWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLE2144CDWR Datasheet HTML 32Page - Texas Instruments TLE2144CDWR Datasheet HTML 33Page - Texas Instruments TLE2144CDWR Datasheet HTML 34Page - Texas Instruments TLE2144CDWR Datasheet HTML 35Page - Texas Instruments TLE2144CDWR Datasheet HTML 36Page - Texas Instruments TLE2144CDWR Datasheet HTML 37Page - Texas Instruments TLE2144CDWR Datasheet HTML 38Page - Texas Instruments TLE2144CDWR Datasheet HTML 39Page - Texas Instruments TLE2144CDWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183D − FEBRUARY 1997 − REVISED OCTOBER 2012
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2142M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2142M
TLE2142AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
290
1200
275
750
V
VIO
Input offset voltage
Full range
2000
1600
μV
Temperature coefficient of
Full range
17
17
V/°C
αVIO
Temperature coefficient of
input offset voltage
V
0
R
50 Ω
Full range
1.7
1.7
μV/°C
I
Input offset current
VIC = 0,
RS = 50 Ω
25°C
7
100
7
100
nA
IIO
Input offset current
Full range
250
250
nA
I
Input bias current
25°C
−0.7
−1.5
−0.7
−1.5
A
IIB
Input bias current
Full range
−1.8
−1.8
μA
−15 −15.3
−15 −15.3
25°C
−15
to
−15.3
to
−15
to
−15.3
to
V
Common-mode input
R
50 Ω
25 C
to
13
to
13.2
to
13
to
13.2
V
VICR
Common mode input
voltage range
RS = 50 Ω
−15 −15.3
−15 −15.3
V
voltage range
Full range
−15
to
−15.3
to
−15
to
−15.3
to
Full range
to
12.7
to
12.9
to
12.7
to
12.9
IO = −150 μA
13.8
14.1
13.8
14.1
IO = −1.5 mA
25°C
13.7
14
13.7
14
V
Maximum positive peak
IO = −15 mA
25 C
13.3
13.7
13.3
13.7
V
VOM+
Maximum positive peak
output voltage swing
IO = −100 μA
13.7
13.7
V
IO = −1 mA
Full range
13.6
13.6
IO = −10 mA
Full range
13.3
13.3
IO = 150 μA
−14.7 −14.9
−14.7 −14.9
IO = 1.5 mA
25°C
−14.5 −14.8
−14.5 −14.8
V
Maximum negative peak
IO = 15 mA
25 C
−13.4 −13.8
−13.4 −13.8
V
VOM−
Maximum negative peak
output voltage swing
IO = 100 μA
−14.6
−14.6
V
IO = 1 mA
Full range
−14.5
−14.5
IO = 10 mA
Full range
−13.4
−13.4
A
Large-signal differential
V
±10 V
R
2 kΩ
25°C
100
450
100
450
V/mV
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL = 2 kΩ
Full range
20
20
V/mV
ri
Input resistance
25°C
65
65
MΩ
ci
Input capacitance
25°C
2.5
2.5
pF
zo
Open-loop output
impedance
f = 1 MHz
25°C
30
30
Ω
CMRR
Common-mode rejection
VIC = VICRmin,
25°C
85
108
85
108
dB
CMRR
Common mode rejection
ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
80
dB
k
Supply-voltage rejection
VCC± = ±2.5 V to ±15 V,
25°C
90
106
90
106
dB
kSVR
Supply voltage rejection
ratio (ΔVCC ± /ΔVIO)
VCC± = ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
I
Short circuit output current
V
0
VID = 1 V
25°C
−25
−50
−25
−50
mA
IOS
Short-circuit output current
VO = 0
VID = −1 V
25°C
20
31
20
31
mA
I
Supply current
VO = 0,
No load,
25°C
6.9
9
6.9
9
mA
ICC
Supply current
VO = 0,
VIC = 2.5 V
No load,
Full range
9.4
9.4
mA
† Full range is −55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com