Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980-ADJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2980-ADJ
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2980-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65 to +150˚C
Operating Junction Temperature
Range
−40 to +125˚C
Lead Temp. (Soldering, 5 seconds)
260˚C
ESD Rating (Note 2)
2 kV
Power Dissipation (Note 3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.5V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival) (Note 4)
−0.3V to 16V
I
OUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival)
(Note 5)
−0.3V to 16V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V
IN = 4.3V, VOUT = 3.3V, IL = 1 mA, CIN = 1 µF, COUT = 2.2 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2980I-ADJ (Note
6)
Units
Min
Max
V
REF
Reference Voltage
1.225
1.213
1.237
V
1mA < I
L < 50 mA
V
OUT +1 ≤ VIN ≤ 16V
1.225
1.206
1.182
1.243
1.268
Reference Voltage Line
Regulation
2.5V
≤ V
IN ≤ 16V
3
6.0
15.0
mV
V
IN–VO
Dropout Voltage (Note 7)
I
L =0
1
3
5
mV
I
L =1mA
7
10
15
I
L =10mA
40
60
90
I
L = 50 mA
120
150
225
I
GND
Ground Pin Current
I
L = 0
60
95
125
µA
I
L =1mA
80
110
170
I
L = 10 mA
120
220
460
I
L = 50 mA
320
600
1200
V
ON/OFF < 0.18V
0.01
1
I
ADJ
ADJ Pin Bias Current
1 mA
≤ I
L ≤ 50 mA
150
350
nA
V
ON/OFF
ON/OFF Input Voltage
(Note 8)
High = O/P ON
1.4
1.6
V
Low = O/P OFF
0.55
0.18
I
ON/OFF
ON/OFF Input Current
V
ON/OFF = 0
0.01
−1
µA
V
ON/OFF =5V
5
15
I
O(PK)
Peak Output Current
V
OUT ≥ VO(NOM) − 5%
150
100
mA
e
n
Output Noise Voltage
(RMS)
BW = 300 Hz to 50 kHz,
C
OUT =10µF
160
µV
Ripple Rejection
f=1kHz
C
OUT =10µF
68
dB
I
O(MAX)
Short Circuit Current
R
L = 0 (Steady State)
(Note 9)
150
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com