Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980-ADJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2980-ADJ
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2980-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The ESD rating of pins 3 and 4 is 1 kV.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ-A, and
the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
The value of
θJ-A for the SOT-23 package is 300˚C/W. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator
will go into thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2980-ADJ output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN to VOUT
will turn on this diode (see Application Hints).
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential.
Note 8: The ON/OFF input must be properly driven to prevent possible misoperation. For details, refer to Application Hints.
Note 9: See Typical Performance Characteristics curves.
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) + 1V,
I
L = 1 mA, ON/OFF pin tied to VIN,RADJ = 86.6k, and test circuit is as shown in Basic Application Circuit.
Output Voltage vs. Temperature
DS100001-5
Dropout Characteristics
DS100001-6
Dropout Voltage vs. Temperature
DS100001-7
Dropout Voltage vs. Load Current
DS100001-8
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com