Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980-ADJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2980-ADJ
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

  LP2980-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Hints (Continued)
Off-brand capacitors should be avoided, as some poor qual-
ity Tantalums are seen with ESR’s > 10
Ω, and this usually
causes oscillation problems.
One caution about Tantalums if they are used on the input:
the ESR of a Tantalum is low enough that it can be destroyed
by surge current if powered up from a low impedance source
(like a battery) that has no limit on inrush current. In these
cases, use a ceramic input capacitor which does not have
this problem.
CERAMIC: Ceramics are generally larger and more costly
than Tantalums for a given amount of capacitance. Also, they
have a very low ESR which is quite stable with temperature.
Be warned that the ESR of a ceramic capacitor is typically
low enough to make an LDO oscillate: a 2.2 µF ceramic
demonstrated an ESR of about 15 m
Ω when tested. If used
as an output capacitor, this will cause instability (see ESR
Curves).
If a ceramic is used on the output of an LDO, a small resis-
tance (about 1
Ω) should be placed in series with the capaci-
tor. If it is used as an input capacitor, no resistor is needed as
there is no requirement for ESR on capacitors used on the
input.
EXTERNAL RESISTORS
The output voltage is set using two external resistors (see
Basic Application Circuit). It is recommended that the resis-
tor from the ADJ pin to ground be 51.1k.
The other resistor (R
ADJ) which connects between VOUT and
the ADJ pin is selected to set V
OUT as given by the formula:
V
OUT = 1.23 + 1.23 (RADJ/51.1k)
REVERSE CURRENT PATH
The power transistor used in the LP2980-ADJ has an inher-
ent diode connected between the input and output pin (see
below).
If the output is forced above the input by more than a V
BE,
this diode will become forward biased and current will flow
into the output pin and out the input pin. This current must be
limited to < 100 mA to prevent damage to the part.
The internal diode can also be turned on if the input voltage
is abruptly stepped down to a voltage which is a V
BE below
the output voltage. To prevent mis-operation, an external
Schottky diode (see below) must be used in applications
where the internal diode may be turned on.
Since the external Schottky diode turns on at a lower voltage
than the internal diode, the Schottky conducts all of the cur-
rent and prevents the internal diode from becoming forward
biased.
ON/OFF INPUT OPERATION
The LP2980-ADJ is shut off by driving the ON/OFF input low,
and turned on by pulling the ON/OFF input high. If this fea-
ture is not to be used, the ON/OFF input must be tied to V
IN
to keep the regulator output on at all times (the ON/OFF in-
put must not be left floating).
To ensure proper operation, the signal source used to drive
the ON/OFF input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds which guar-
antee an ON or OFF state (see Electrical Characteristics).
It is also important that the turn-on (and turn-off) voltage sig-
nals applied to the ON/OFF input have a slew rate which is
greater than 40 mV/µs.
IMPORTANT: The shutdown function will not operate cor-
rectly if a slow-moving signal is used to drive the S/D input.
DS100001-24
DS100001-25
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com