Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3606BC Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT3606BC
Description  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 45Page - Richtek Technology Corporation RT3606BC Datasheet HTML 46Page - Richtek Technology Corporation RT3606BC Datasheet HTML 47Page - Richtek Technology Corporation RT3606BC Datasheet HTML 48Page - Richtek Technology Corporation RT3606BC Datasheet HTML 49Page - Richtek Technology Corporation RT3606BC Datasheet HTML 50Page - Richtek Technology Corporation RT3606BC Datasheet HTML 51Page - Richtek Technology Corporation RT3606BC Datasheet HTML 52Page - Richtek Technology Corporation RT3606BC Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
49
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VCORE
ISEN1P
ISEN1N
L1
DCR1
R1
C1
+
-
680
IL1
ISEN1N
ISEN2P
ISEN2N
L2
DCR2
R2
C2
+
-
680
IL2
ISEN2N
ISEN3P
ISEN3N
L3
DCR3
R3
C3
+
-
680
IL3
ISEN3N
IMON
VREF
RNTC
REQ
-
1/3
+
0.6V
COMP
-
+
Current Loop Design in Details
Figure 24. Current Loop Structure
Figure 24 shows the whole current loop structure. The current loop plays an important role in RT3606BC that can decide
ACLL performance, DCLL accuracy and ICCMAX accuracy. For ACLL performance, the correct compensator design is
assumed, if RC network time constant matches inductor time constant LX / DCRX, an expected load transient waveform
can be designed. If RXCX network time constant is larger than inductor time constant LX / DCRX, VCORE waveform has a
sluggish droop during load transient. If RXCX network is smaller than inductor time constant LX / DCRX, a worst VCORE
waveform will sag to create an undershooting to fail the specification. Figure 25 shows the variety RXCX constant
corresponding to the output waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com