Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3606BC Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT3606BC
Description  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 15Page - Richtek Technology Corporation RT3606BC Datasheet HTML 16Page - Richtek Technology Corporation RT3606BC Datasheet HTML 17Page - Richtek Technology Corporation RT3606BC Datasheet HTML 18Page - Richtek Technology Corporation RT3606BC Datasheet HTML 19Page - Richtek Technology Corporation RT3606BC Datasheet HTML 20Page - Richtek Technology Corporation RT3606BC Datasheet HTML 21Page - Richtek Technology Corporation RT3606BC Datasheet HTML 22Page - Richtek Technology Corporation RT3606BC Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
19
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Discrete MOS
RT3606BC
30
VCC
5V
44
DVD
IBIAS
32
EN
27
10
BOOT2
UGATE2
PHASE2
LGATE2
ISEN2N
ISEN2P 9
ISEN1P
ISEN1N
8
7
58
54
BOOT1
UGATE1
PHASE1
LGATE1
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
ISEN3N
ISEN3P
PWM3
1
5
6
EN
VIN
VCC
PWM
BOOT
UGATE
PHASE
LGATE
12V
PGND
RT9624A
PWMA2
ISENA2P
ISENA2N
37
38
47
EN
12V
VIN
VIN
VIN
Optional
Optional
Optional
Optional
LOAD
VSS_SENSE
VCORE_OUT
VCC_SENSE
ISENA1P
ISENA1N
40
41
BOOTA1
UGATEA1
PHASEA1
LGATEA1
VIN
Optional
RGNDA
33
FBA
36
COMPA
35
VSENA
34
Optional
Optional
Optional
VSSAXG_SENSE
VCCAXG_SENSE
RGND
14
FB
11
COMP
12
VSEN
13
Optional
Optional
Optional
VSS_SENSE
VCC_SENSE
VCC_SENSE
TSEN
4
TSENA
42
RNTC
RNTC
VIN
SETA2
19
18
17
16
SETA1
SET3
SET2
VREF
15 SET1
PGOOD
2
23
VCLK
VDIO
26
25
24
VCCIO
To CPU
TONSETA
43
3
TONSET
VIN
VIN
VREF
IMON
IMONA
20
22
21
RNTCA
VREF
VR_HOT
ALERT
GND
61 (Exposed Pad)
Enable
LOAD
VAXG_OUT
VSSAXG_SENSE
VCCAXG_SENSE
OFSM
28
OFSA/PSYS
29
PS4_Dr
45
PS4_Dr
60
59
57
56
55
53
48
49
50
51
PVCC
52
5V for VIN = 19V
12V for VIN =12V
PS4_Dr
PS4_Dr
0.47µF/
X7R/0603
0.47µF/
X7R/0603
0.47µF/
X7R/0603
0.47µF/
X7R/0603
0.47µF/
X7R/0603
R1
510k
R2
140k
C1
0.1µF
R3
2.2
C2
2.2µF
R4 59k
R5 69.8k
R6 174k
R7 64.9k
R8 46.4k
R9
12k
R10
7.5k
R11
3.32k
R12
18.2k
R13
11k
R14
2.2
C3
0.22µF
R15
487k
R16
2.2
C4
0.22µF
R17 412k
R18
100k
R87
1
C5
0.47µF
R19 13k
R20
3.09k
RNTC
R22
16.5k
24.3k
R23
R24
16k
R25
15.8k
R27
110
R26
NC
R28
55
R29
75
R30
10k
C6 470pF
C7 56pF
R31 12k
R32 32.4k
C9
C8
C11
C12 330pF C13 33pF
R34
10k
R35
34k
C14
C15
C16
R36 93.1k
R37
8.77k
R38 93.1k
R39
8.77k
R40
2.2
C18
0.1µF
R41
0
R42
0
R43
1
C19
3.3nF
L1
220nH/0.49m
R44
1k
C20
R45
R82 680
R46
2.2
C22
0.1µF
R47
0
R48
0
R49
1
C23
3.3nF
R50
1k
L2
220nH/0.49m
C24
R51
R83 680
C25
1µF
R52
2.2
C26
0.1µF
R53
0
R54
0
R55
1
C27
3.3nF
R56
1k
L3
220nH/0.49m
C28
R57
470µF
x 4
22µF
x 19
Optional
C48
C44
C45
R88
100
R89
100
R84 680
C37
1µF
R70
2.2
C38
0.1µF
R71
0
R73
1
C39
3.3nF
R74
1k
L6
220nH/0.49m
C40
R75
R33 680
R72
0
R76
2.2
C40
0.1µF
R77
0
R78
0
R79
1
C43
3.3nF
R81
1k
L7
220nH/0.49m
C10
R80
470µF
x 4
C46
C49
Optional
22µF
x 14
C47
R90
100
R91
100
R21 680
R65
100k
C50
22µF
R64 2.2
150k/4500 ()
150k/4500 ()
100k/4485 ()
100k/4485 ()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com