Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3606BC Datasheet(PDF) 67 Page - Richtek Technology Corporation

Part # RT3606BC
Description  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC Datasheet(HTML) 67 Page - Richtek Technology Corporation

Back Button RT3606BC Datasheet HTML 63Page - Richtek Technology Corporation RT3606BC Datasheet HTML 64Page - Richtek Technology Corporation RT3606BC Datasheet HTML 65Page - Richtek Technology Corporation RT3606BC Datasheet HTML 66Page - Richtek Technology Corporation RT3606BC Datasheet HTML 67Page - Richtek Technology Corporation RT3606BC Datasheet HTML 68Page - Richtek Technology Corporation RT3606BC Datasheet HTML 69Page - Richtek Technology Corporation RT3606BC Datasheet HTML 70Page - Richtek Technology Corporation RT3606BC Datasheet HTML 71Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
67
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Monitor, IMONA
RT3606BC includes a current monitor (IMONA) function
which can be used to detect over current protection and
the maximum processor current ICCMAXA, and also sets
a part of current gain in the load-line setting. It produces
an analog voltage proportional to output current between
the IMONA and VREF pins.
The calculation for IMONA-VREF voltage is shown as
below :
IMONA
REF
EQA
LA1
LA2
CSA
DCR
VV
R
(I
I
)
R

Where ILA1 + ILA2 are output current and the definitions of
DCR, RCSA and REQA can refer to Figure 28.
Over Current Protection
RT3606BC provides the Over Current Protection (OCP)
which is set by the SETA1 pin in AXG VR. The OCP
threshold setting can refer to ICCMAXA current in the Table
9. For example, if ICCMAXA is set as 120A, user can set
voltage by using the external voltage divider on SETA1
pin as 0.759V typically. If 156A OCP (130% x ICCMAX)
threshold and DVID_TH (SR = 11.25mV/
μs) = 39.67mV /
DVID_TH (SR = 33.75mV/
μs) = 119mV will be set.
According to Table 10, the set voltage should be between
0.4755V and 0.4974V. When output current is higher than
the OCP threshold, OCP is latched with a 40
μs delay to
prevent false trigger. Besides, the OCP function is masked
when dynamic VID transient occurs, and soft-start period.
And the OCP function will re-active after 46
μs of DVID or
soft-start alert is asserted.
Output Over-Voltage Protection
An OVP condition is detected when the VSENA pin is
150mV more than VID. as VID > 1V. If VID < 1V, the OVP
is detected when the VSEN pin is 350mV more than 1V.
When OVP is detected, the high-side gate voltage
UGATEAx is pulled low and the low-side gate voltage
LGATEAx is pulled high, OVP is latched with a 0.5
μs
delay to prevent false trigger. Besides, the OVP function
will be masked during DVID and soft-start period. After
46
μs of DVID or soft-start alert is asserted, the OVP
function will re-active.
Negative Voltage Protection
Since the OVP latch continuously turns on all low-side
MOSFETs of the VR, the VR will suffer negative output
voltage. When the VSENA detects a voltage below
−0.07V
after triggering OVP, the VR triggers NVP to turn off all
low-side MOSFETs of the VR while the high-side
MOSFETs remain off. After triggering NVP, if the output
voltage rises above 0V, the OVP latch restarts to turn on
all low-side MOSFETs. Therefore, the output voltage may
bounce between 0V and
−0.07V due to OVP latch and
NVP triggering. The NVP function will be active only after
OVP is triggered.
Current Loop Design in Details
Figure 35 shows the whole current loop structure. The
current loop plays an important role in the RT3606BC that
can decide ACLL performance, DCLL accuracy and
ICCMAXA accuracy. For ACLL performance, the correct
compensator design is assumed, if RC network time
constant matches inductor time constant LAX / DCRX, an
expected load transient waveform can be designed. If RXCX
network time constant is larger than inductor time constant
LAX / DCRX, VAXG waveform has a sluggish droop during
load transient. If RXCX network is smaller than inductor
time constant LAX /DCRX, a worst VAXG waveform will sag
to create an undershooting to fail the specification.
For DCLL performance and ICCMAXA accuracy, since the
copper wire of inductor has a positive temperature
coefficient, when temperature goes high in the heavy load
condition, DCR value goes large simultaneously. A resistor
network with NTC thermistor compensation connecting
between the IMONA to REF pins is necessary, to
compensate the positive temperature coefficient of inductor
DCR. The design flow is as presented in current loop
design in details of CORE VR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com