Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9750WSC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 2Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 3Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
RT9750
6
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Switch On-Resistance and Regulation
Load Switch
On-Resistance
RON_LDSW
--
8
10
m
IBUS REG Threshold
Range
IBUS_REG
I2C programmable
0.4
--
6.35
A
IBUS REG Threshold
Step
7-bit DAC
25
50
75
mA
VOUT REG Threshold
Range
VOUT_REG
I2C programmable
4.2
--
5
V
VOUT REG Threshold
Step
7-bit DAC
5
10
15
mV
VBAT REG Threshold
Range
VBAT_REG
I2C programmable
4.2
--
5
V
VBAT REG Threshold
Step
7-bit DAC
5
10
15
mV
Hardware Protection
VBUS OVP Threshold
Range
VBUS_OVP
I2C programmable
4.2
--
6.5
V
VBUS OVP Threshold
Step
7-bit DAC
12.5
25
37.5
mV
Drop-Out OVP
Threshold
VDROP_OVP
I2C programmable
0
--
1000
mV
Drop-Out OVP Step
7-bit DAC
5
10
15
mV
Reverse OCP
Threshold
IRE_OCP
Default, load switch RON = 10m
0.5
1.5
2.5
A
Junction OTP Threshold TJC_OTP
1-value
115
125
140
°C
Input OCP Threshold
IOC_OCP
I2C programmable
0
--
6.5
A
Input OCP Step
4-bit DAC
250
500
750
mA
Software Protection
Drop-Out ALM
Threshold
VDROP_ALM
I2C programmable
0
--
1000
mV
Drop-Out ALM Step
7-bit DAC
5
10
15
mV
TSVBUS OTP
Threshold
VTSVBUS_OTP
I2C programmable
0
--
2.4
V
TSVBUS OTP Step
7-bit DAC
10
20
30
mV
TSBAT OTP Threshold
VTSBAT_OTP
I2C programmable
0
--
2.4
V
TSBAT OTP Step
7-bit DAC
10
20
30
mV
ADC Specification
ADC Sample Rate
fSAMPLE_ADC
(Note 5)
--
2.25
--
MHz
ADC Data Rate
fDATA_ADC
(Note 5), 16 averages
--
10
--
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com