Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9750WSC Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 21Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 27Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 28Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
RT9750
25
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
VOUT_ADC1
VOUT_ADC1
0x18
0x00
Bit
Mode
Name
Reset Value
Description
[7:0]
R
VOUT_ADC1
00000000
VOUT_ADC1
LSB : 1mV
LSB<7:0> : 128, 64, 32, 16, 8, 4, 2, 1
 
Name
Function
Addr
Reset
VDROP_ADC2
VDROP_ADC2
0x19
0x00
Bit
Mode
Name
Reset Value
Description
7
R
VDROP_POL
0
Indicates polarity of VDROP
0 - Positive voltage
1 - Negative voltage
[1:0]
R
VDROP_ADC2<1:0>
00
VDROP_ADC2
LSB : 1mV
LSB<1:0> : 512, 256
 
Name
Function
Addr
Reset
VDROP_ADC1
VDROP_ADC1
0x1A
0x00
Bit
Mode
Name
Reset Value
Description
[7:0]
R
VDROP_ADC1<7:0>
00000000
VDROP_ADC1
LSB : 1mV
LSB<7:0> : 128, 64, 32, 16, 8, 4, 2, 1
 
Name
Function
Addr
Reset
VBAT_ADC2
VBAT_ADC2
0x1B
0x00
Bit
Mode
Name
Reset Value
Description
7
R
VBAT_POL
0
Indicates polarity of VBAT
0 - Positive voltage
1 - Negative voltage
[4:0]
R
VBAT_ADC2<4:0>
00000
VBAT_ADC2
LSB : 1mV
LSB<4:0> : 4096, 2048, 1024, 512, 256
 
Name
Function
Addr
Reset
VBAT_ADC1
VBAT_ADC1
0x1C
0x00
Bit
Mode
Name
Reset Value
Description
[7:0]
R
VBAT_ADC1<7:0>
00000000
VBAT_ADC1
LSB : 1mV
LSB<7:0> : 128, 64, 32, 16, 8, 4, 2, 1
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com