Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9750WSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 19Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 20Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 21Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
RT9750
23
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
IBUS_OCP
IBUS_OCP
0x10
0x64
Bit
Mode
Name
Reset Value
Description
[6:0]
R/W
IBUS_OCP<6:0>
1100100
IBUS_OCP (Input Current Regulation)
Offset : 0A
LSB<6:0> : 3200mA, 1600mA, 800mA, 400mA,
200mA, 100mA, 50mA
Range Min : 0.40A (0b0001000)
Range Max : 6.35A (0b1111111)
Default : 5A (0b1100100)
 
Name
Function
Addr
Reset
TBUS_OTP
TBUS_OTP
0x11
0x1E
Bit
Mode
Name
Reset Value
Description
[6:0]
R/W
TBUS_OTP<6:0>
0011110
TBUS_OTP
Offset : 0V
LSB<6:0> : 1280mV, 640mV, 320mV, 160mV,
80mV, 40mV, 20mV
Range Min : 0V (0b0000000)
Range Max : 2.4V (0b1111000)
Default:0.6V (0b0011110)
External VREF = 1.8V, 10K/10K Divide
 
Name
Function
Addr
Reset
TBAT_OTP
TBAT_OTP
0x12
0x23
Bit
Mode
Name
Reset Value
Description
[6:0]
R/W
TBAT_OTP<6:0>
0100011
TBAT_OTP
Offset : 0V
LSB<6:0> : 1280mV, 640mV, 320mV, 160mV,
80mV, 40mV, 20mV
Range Min : 0V (0b0000000)
Range Max : 2.4V (0b1111000)
Default : 0.7V (0b0100011)
External VREF = 1.8V, 10K/10K Divide
 
Name
Function
Addr
Reset
VBUS_ADC2
VBUS_ADC2
0x13
0x00
Bit
Mode
Name
Reset Value
Description
7
R
VBUS_POL
0
Indicates polarity of VBUS
0 - Positive voltage
1 - Negative voltage
[4:0]
R
VBUS_ADC2<4:0>
00000
VBUS_ADC2
LSB : 1mV
LSB<4:0> : 4096, 2048, 1024, 512, 256
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com