Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAVR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80IAAVR
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80IAAVR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC38RF80IAAVR Datasheet HTML 35Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 36Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 37Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 38Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 39Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 40Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 41Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 42Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
0.7V
0.25V
50pF
50O
50O
TERM
=100
TERM
=001
TERM
=101
Level
Shift
RXP
RXN
To
Equalizer
&
Samplers
39
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 SerDes Inputs
The DAC38RFxx RX [0..7]+/- differential inputs are each internally terminated to a common point via 50 Ω, as
shown in Figure 51.
Figure 51. Serial Lane Input Termination
Common mode termination is via a 50 pF capacitor to GND. The common mode voltage and termination of the
differential signal can be controlled in a number of ways to suit a variety of applications via field TERM in register
SRDS_CFG2 (8.5.87), as described in Table 1.
NOTE
AC coupling is recommended for JESD204B compliance.
Table 1. Receiver Termination Selection
TERM
EFFECT
000
Reserved
001
Common point set to 0.7 V. This configuration is for AC coupled systems. The transmitter has no effect on the
receiver common mode, which is set to optimize the input sensitivity of the receiver. Note: this mode is not
compatible with JESD204B.
01x
Reserved
100
Common point set to GND. This configuration is for applications that require a 0 V common mode.
101
Common point set to 0.25 V. This configuration is for applications that require a low common mode.
110
Reserved
111
Common point floating. This configuration is for DC coupled systems in which the common mode voltage is set by
the attached transmit link partner to 0 and 0.6 V. Note: this mode is not compatible with JESD204B
Input data is sampled by the differential sensing amplifier using clocks derived from the clock recovery algorithm.
The polarity of RX+ and RX- can be inverted by setting the bit of the corresponding lane in field INVPAIR in
register SRDS_POL (8.5.88) to “1”. This can potentially simplify PCB layout and improve signal integrity by
avoiding the need to swap over the differential signal traces.
Due to processing effects, the devices in the RX+ and RX- differential sense amplifiers will not be perfectly
matched and there will be some offset in switching threshold. The DAC38RFxx contains circuitry to detect and
correct for this offset. This feature can be enabled by setting ENOC in register SRDS_CFG1 (8.5.86) to “1”. It is
anticipated the most users will enable this feature. During the compensation process, LOOPBACK in register
SRDS_CFG1 (8.5.86) must be set to “00”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com