Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80IAAVR
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80IAAVR Datasheet(HTML) 4 Page - Texas Instruments

  DAC38RF80IAAVR Datasheet HTML 1Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 2Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 3Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 4Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 5Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 6Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 7Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 8Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
4
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Changes from Revision A (February 2017) to Revision B
Page
•
Added VDDE1 rail to Supply Voltage Range in the Absolute Maximum Ratings table........................................................ 13
•
Changed subtitle From: LVDS OUTPUT: SYNC1+/-, SYNC2+/- To: LVDS OUTPUT: SYNC0+/-, SYNC1+/- in the
Electrical Characteristics - Digital Specifications table ........................................................................................................ 17
•
Added "0 dBFS" amplitude of input digital data in test conditions in the Electrical Characteristics - AC Specifications
table ...................................................................................................................................................................................... 20
•
Changed the NSD values for -9 dBFS in Electrical Characteristics - AC Specifications table ............................................ 22
•
Added the PLL/VCO Electrical Characteristics table............................................................................................................ 23
•
Changed From: VCO frequency = 5898.24 MHz To: VCO frequency = 5.9 GHz in Figure 43 and Figure 44 .................... 32
•
Changed From: measured at 1 GHz To: measured at 1.8 GHz in Figure 41 and Figure 43............................................... 32
•
Added JESD204B clock phase register setting to Table 36 ................................................................................................ 65
•
Removed descriptions for CLKJESD_DIV register from Table 36 ...................................................................................... 65
•
Added JESD204B clock phase register setting to Table 37................................................................................................. 65
•
Added information about the DAC output total current for various full scale current settings in DAC Fullscale Output
Current ................................................................................................................................................................................. 72
•
Changed the text in the second sentence of the DAC Transfer Function for DAC38RF80/90/84 section ......................... 75
•
Changed Bit 0 of Table 123 From: Enables the GSM PLL To: Reserved.......................................................................... 134
•
Changed Table 125 ........................................................................................................................................................... 136
•
Changed description of SERDES_REFCLK_DIV register field in Table 126 .................................................................... 137
•
Changed Bit 12:11, 6:5 and 4:2 of Table 129 ................................................................................................................... 139
•
Updated the startup sequence in Figure 167 .................................................................................................................... 141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com