Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80IAAVR
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80IAAVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC38RF80IAAVR Datasheet HTML 9Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 10Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 11Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 12Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 13Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 14Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 15Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 16Page - Texas Instruments DAC38RF80IAAVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
13
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND or DGND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Range(2)
VDDDAC1, VDDDIG1, VDDL1_1, VDDL2_1,
VDDCLK1, VDDT1, VDDCLK1, VDDTX1, VDDE1
–0.3
1.3
V
VDDR18, VDDIO18, VDDS18, VDDAPLL18,
VDDOUT18, VDDA18, VDDAVCO18, VDDTX18
–0.3
2.45
V
VEE18N
–2
0.3
V
Voltage between AGND and DGND
–0.3
0.3
V
Pin Voltage Range(2)
RX[0..7]+/-
–0.5
VDDDIG1 + 0.5 V
V
SDEN, SCLK, SDIO, SDO, TXENABLE, ALARM,
RESET, SLEEP, TMS, TCLK, TDI, TDO, TRST,
TESTMODE, GPI0, GPI1, GPO0, GPO1
–0.5
VDDIO + 0.5 V
V
CLKOUT+/-
–0.5
VDDTX18 + 0.5 V
V
DACCLK+/-, SYSREF+/-, DACCLKSE
–0.5
VDDCLK1 + 0.5 V
V
SYNC0+/-, SYNC1+/-
–0.5
VDDS18 + 0.5 V
V
VOUT1+/-, VOUT2+/-
–0.5
VDDAOUT18 + 0.5 V
V
RBIAS, EXTIO, ATEST
–0.5
VDDAOUT18 + 0.5 V
V
IFORCE, VSENSE
–0.5
VDDDIG1 + 0.5 V
V
AMUX1, AMUX0
–0.5
VDDT1 + 0.5 V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Junction temperature TJ
150
°C
Operating free-air temperature, TA
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±250
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TJ
Recommended operating temperature
105
°C
Maximum rated operating junction temperature(1)
125
°C
TA
Recommended free-air temperature
–40
85
°C
Supply Voltage Range
VDDA18, VDDAPLL18, VDDS18, VDDIO18, VDDR18,
VDDAPLL18, VDDOUT18, VDDAVCO18
1.71
1.8
1.89
V
VDDDIG1 VDDA1, VDDT1, VDDAPLL1, VDDCLK1, VDDL1_1,
VDDL2_1, VDDTX1, VDDE1
0.95
1
1.05
V
VEE18N
-1.89
-1.8
-1.71
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com