Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4730WSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4730WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RT4730
5
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
AVDD Power On Sequence
SWIRE Power On Sequence
SWIRE Command Timing Diagram
SWIRE
VIN
OVDD
OVSS
3.3V
-3.3V
0
0
0
0
0
TSS1 < 2ms
TSS2 < 6ms
Toff_dly > 300µs
Hi-Z
Hi-Z
SWIRE
OVDD
OVSS
3.3V
-3.3V
0
0
0
0
Toff_dly > 300µs
-5.3V
Tstop > 300µs
2
s < T
OFF < 20µs
2µs < TON < 20µs
TD1 = 2ms
44
36
Tstop > 300µs
2µs < TON
< 20µs
TD1 = 2ms
5.3V
2
s < T
OFF < 20µs
Hi-Z
Hi-Z
AVDDEN
VOUT
3.5V
0
0
0
0
Toff_dly >
300
s
VIN
0
TSS1 = <2ms
0
3.3V
AVDD
TSS2 < 6ms
FD
FD
Power Off Discharge Table
AVDD_EN
SWIRE
AVDD
OVDD
OVSS
BBST
NCP
0
0
FD
FD
FD*
FD
FD*
0
1
FD
FD
FD*
FD
FD*
1
0
--
Hi Z
Hi Z
--
Hi Z
1
1
--
--
--
--
--
FD* : Fast Discharge only 30ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com