Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4730WSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 14Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT4730
11
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Efficiency vs. Output Current
60
65
70
75
80
85
90
-5
5
15
25
35
IOVDD to IOVSS (mA)
Typical Operating Characteristics
VIN = 3.7V, AVDD = 3.3V,
OVDD = 3.3V, OVSS =
−3.3V
IAVDD = 35mA
IAVDD = 10mA
IAVDD = 5mA
IAVDD = 2mA
IAVDD = 0mA
AVDD vs. Output Current
3.26
3.27
3.28
3.29
3.30
3.31
3.32
0
1020
3040
50
IAVDD (mA)
OVDD vs. Output Current
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
1020
3040
50
IOVDD (mA)
OVSS vs. Output Current
-3.40
-3.38
-3.36
-3.34
-3.32
-3.30
-3.28
-3.26
-5
5
15253545
IOVSS (mA)
AVDD vs. Input Voltage
3.280
3.282
3.284
3.286
3.288
3.290
3.292
3.294
3.296
3.298
3.300
2.8
3.3
3.8
4.3
4.8
Input Voltage (V)
OVDD vs. Input Voltage
3.290
3.292
3.294
3.296
3.298
3.300
3.302
3.304
3.306
3.308
3.310
2.8
3.3
3.8
4.3
4.8
Input Voltage (V)
AVDD = 3.3V
VIN = 4.8V
VIN = 4.5V
VIN = 4.1V
VIN = 3.7V
VIN = 3.3V
VIN = 2.9V
VIN = 4.8V
VIN = 4.5V
VIN = 4.1V
VIN = 3.7V
VIN = 3.3V
VIN = 2.9V
OVDD = 3.3V
VIN = 4.8V
VIN = 4.5V
VIN = 4.1V
VIN = 3.7V
VIN = 3.3V
VIN = 2.9V
OVSS =
−3.3V
AVDD = 3.3V
IAVDD = 35mA
IAVDD = 10mA
IOVDD = 35mA
IOVDD = 10mA
OVDD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com