Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6908 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 2Page - Richtek Technology Corporation RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation RT6908 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RT6908
6
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
(Typical values VIN = VAVIN = VINB = 12V, VAVDD = 15.6V, VI/O = 3.3V, VCORE = 1.1V, VGH = 35.5V, VGL =
−6V, TA = 25°C, unless
otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Input Voltage Range
VIN
9
--
16
V
AVIN Quiescent Current
IQIN
LX, LXBx Not Switching
--
3.5
--
mA
VIN Rising
--
8.6
9
VIN Falling
7.2
7.6
--
Under Voltage Lockout Threshold
VUVLO
VIN Falling Latch Reset
--
5
--
V
VL Output Voltage
VL
--
5
--
V
Fault Detection
Fault Trigger Duration
--
50
--
ms
Thermal Shutdown Threshold
Temperature Rising
--
150
--
°C
Thermal Shutdown Hysteresis
--
50
--
°C
Absolute Maximum Ratings
(Note 1)
EN, EN_I2C, AVIN, VINB1, LXI, GD, AVDD, LX, LXB1, LXB2,
BOOT1, BOOT2, DHB2, VDET to PGND -----------------------------------------------------------------------------
−0.3 to 26V
SDA, SCL, A0, RSTB, CRST, VL, COMP, COMP1, COMP2, FBB1,
FBB2, ILIMIT2, DLB2, DRVN to PGND --------------------------------------------------------------------------------
−0.3 to 6V
BOOT1 to LXB1 -------------------------------------------------------------------------------------------------------------
−0.3 to 6V
BOOT2, DHB2 to LXB2 ---------------------------------------------------------------------------------------------------
−0.3 to 6V
DRVP, VGH to PGND -----------------------------------------------------------------------------------------------------
−0.3 to 44V
VGL to PGND ---------------------------------------------------------------------------------------------------------------
−26V to 26V
PGND to AGND -------------------------------------------------------------------------------------------------------------
±0.3V
Power Dissipation, PD @ TA = 25
°C
WQFN-40L 5x5 ------------------------------------------------------------------------------------------------------------- 2.778W
Package Thermal Resistance (Note 2)
WQFN-40L 5x5,
θJA -------------------------------------------------------------------------------------------------------- 36°C/W
WQFN-40L 5x5,
θJC ------------------------------------------------------------------------------------------------------- 6°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com