Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6908 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 11Page - Richtek Technology Corporation RT6908 Datasheet HTML 12Page - Richtek Technology Corporation RT6908 Datasheet HTML 13Page - Richtek Technology Corporation RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation RT6908 Datasheet HTML 17Page - Richtek Technology Corporation RT6908 Datasheet HTML 18Page - Richtek Technology Corporation RT6908 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RT6908
15
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Register
Code
AVDD VGH
VGL
VIO VCORE DLY1
DLY2
DLY3 DLYR1
DLYR2
DLYR3
SS
ILIMGD
26h
16.5
−5.6
27h
16.6
−5.7
28h
16.7
−5.8
29h
16.8
−5.9
2Ah
16.9
−6.0
2Bh
17.0
−6.1
2Ch
17.1
−6.2
2Dh
17.2
−6.3
2Eh
17.3
−6.4
2Fh
17.4
−6.5
30h
17.5
−6.6
31h
17.6
−6.7
32h
17.7
−6.8
33h
17.8
−6.9
34h
17.9
−7.0
35h
18.0
−7.1
36h
18.1
−7.2
37h
18.2
−7.3
38h
18.3
−7.4
39h
18.4
−7.5
3Ah
18.5
−7.6
3Bh
18.6
−7.7
3Ch
18.7
−7.8
3Dh
18.8
−7.9
3Eh
18.9
−8.0
3Fh
19.0
−8.1
40h
If register data out of spec, IC will be into default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com