Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6908 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 10Page - Richtek Technology Corporation RT6908 Datasheet HTML 11Page - Richtek Technology Corporation RT6908 Datasheet HTML 12Page - Richtek Technology Corporation RT6908 Datasheet HTML 13Page - Richtek Technology Corporation RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation RT6908 Datasheet HTML 17Page - Richtek Technology Corporation RT6908 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RT6908
14
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Output Code Table (unit : V)
Register
Code
AVDD VGH
VGL
VIO VCORE DLY1
DLY2
DLY3 DLYR1
DLYR2
DLYR3
SS
ILIMGD
00h
12.7
24.5
−1.8
−7%
−7%
0ms
0ms
0ms
1ms
1ms
1ms
0ms
disable
01h
12.8
25.0
−1.9
−6%
−6%
1ms
1ms
1ms
10ms
10ms
10ms
1ms
100mV
02h
12.9
25.5
−2.0
−5%
−5%
2ms
2ms
2ms
200ms
200ms
200ms
2ms
150mV
03h
13.0
26.0
−2.1
−4%
−4%
3ms
3ms
3ms
3ms
200mV
04h
13.1
26.5
−2.2
−3%
−3%
4ms
4ms
4ms
4ms
250mV
05h
13.2
27.0
−2.3
−2%
−2%
5ms
5ms
5ms
5ms
300mV
06h
13.3
27.5
−2.4
−1%
−1%
6ms
6ms
6ms
6ms
350mV
07h
13.4
28.0
−2.5
0
0
7ms
7ms
7ms
7ms
400mV
08h
13.5
28.5
−2.6
1%
1%
8ms
8ms
8ms
8ms
450mV
09h
13.6
29.0
−2.7
2%
2%
9ms
9ms
9ms
9ms
500mV
0Ah
13.7
29.5
−2.8
3%
3%
10ms
10ms
10ms
10ms
550mV
0Bh
13.8
30.0
−2.9
4%
4%
11ms
11ms
11ms
11ms
600mV
0Ch
13.9
30.5
−3.0
5%
5%
12ms
12ms
12ms
12ms
650mV
0Dh
14.0
31.0
−3.1
6%
6%
13ms
13ms
13ms
13ms
700mV
0Eh
14.1
31.5
−3.2
7%
7%
14ms
14ms
14ms
14ms
750mV
0Fh
14.2
32.0
−3.3
15ms
15ms
15ms
15ms
800mV
10h
14.3
32.5
−3.4
11h
14.4
33.0
−3.5
12h
14.5
33.5
−3.6
13h
14.6
34.0
−3.7
14h
14.7
34.5
−3.8
15h
14.8
35.0
−3.9
16h
14.9
35.5
−4.0
17h
15.0
36.0
−4.1
18h
15.1
36.5
−4.2
19h
15.2
37.0
−4.3
1Ah
15.3
37.5
−4.4
1Bh
15.4
38.0
−4.5
1Ch
15.5
38.5
−4.6
1Dh
15.6
39.0
−4.7
1Eh
15.7
39.5
−4.8
1Fh
15.8
40.0
−4.9
20h
15.9
−5.0
21h
16.0
−5.1
22h
16.1
−5.2
23h
16.2
−5.3
24h
16.3
−5.4
25h
16.4
−5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com