Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5107 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5107
Description  100V / 1.4A Peak Half Bridge Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5107 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5107 Datasheet HTML 1Page - National Semiconductor (TI) LM5107 Datasheet HTML 2Page - National Semiconductor (TI) LM5107 Datasheet HTML 3Page - National Semiconductor (TI) LM5107 Datasheet HTML 4Page - National Semiconductor (TI) LM5107 Datasheet HTML 5Page - National Semiconductor (TI) LM5107 Datasheet HTML 6Page - National Semiconductor (TI) LM5107 Datasheet HTML 7Page - National Semiconductor (TI) LM5107 Datasheet HTML 8Page - National Semiconductor (TI) LM5107 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD to VSS
-0.3V to 18V
HB to HS
−0.3V to 18V
LI or HI to V
SS
−0.3V to V
DD +0.3V
LO to V
SS
−0.3V to V
DD +0.3V
HO to V
SS
V
HS −0.3V to VHB +0.3V
HS to V
SS (Note 6)
−5V to 100V
HB to V
SS
118V
Junction Temperature
-40˚C to +150˚C
Storage Temperature Range
−55˚C to +150˚C
ESD Rating HBM (Note 2)
2 kV
Recommended Operating
Conditions
V
DD
8V to 14V
HS (Note 6)
−1V to 100V
HB
V
HS +8V to VHS +14V
HS Slew Rate
< 50 V/ns
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics
Specifications in standard typeface are for T
J = +25˚C, and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENTS
I
DD
V
DD Quiescent Current
LI = HI = 0V
0.3
0.6
mA
I
DDO
V
DD Operating Current
f = 500 kHz
2.1
3.4
mA
I
HB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
I
HBO
Total HB Operating Current
f = 500 kHz
1.6
3.0
mA
I
HBS
HB to V
SS Current, Quiescent
V
HS =VHB = 100V
0.1
10
µA
I
HBSO
HB to V
SS Current, Operating
f = 500 kHz
0.5
mA
INPUT PINS LI and HI
V
IL
Low Level Input Voltage Threshold
0.8
1.8
V
V
IH
High Level Input Voltage Threshold
1.8
2.2
V
R
I
Input Pulldown Resistance
100
180
500
k
Ω
UNDER VOLTAGE PROTECTION
V
DDR
V
DD Rising Threshold
V
DDR =VDD -VSS
6.0
6.9
7.4
V
V
DDH
V
DD Threshold Hysteresis
0.5
V
V
HBR
HB Rising Threshold
V
HBR =VHB -VHS
5.7
6.6
7.1
V
V
HBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
V
DL
Low-Current Forward Voltage
I
VDD-HB = 100 µA
V
DL =VDD -VHB
0.58
0.9
V
V
DH
High-Current Forward Voltage
I
VDD-HB = 100 mA
V
DH =VDD -VHB
0.82
1.1
V
R
D
Dynamic Resistance
I
VDD-HB = 100 mA
0.8
1.5
Ω
LO GATE DRIVER
V
OLL
Low-Level Output Voltage
I
LO = 100 mA
V
OHL =VLO –VSS
0.28
0.45
V
V
OHL
High-Level Output Voltage
I
LO = −100 mA,
V
OHL =VDD–VLO
0.45
0.75
V
I
OHL
Peak Pullup Current
V
LO = 0V
1.3
A
I
OLL
Peak Pulldown Current
V
LO = 12V
1.4
A
HO GATE DRIVER
V
OLH
Low-Level Output Voltage
I
HO = 100 mA
V
OLH =VHO–VHS
0.28
0.45
V
V
OHH
High-Level Output Voltage
I
HO = −100 mA
V
OHH =VHB–VHO
0.45
0.75
V
I
OHH
Peak Pullup Current
V
HO = 0V
1.3
A
I
OLH
Peak Pulldown Current
V
HO = 12V
1.4
A
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com