Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5107 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5107
Description  100V / 1.4A Peak Half Bridge Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5107 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5107 Datasheet HTML 1Page - National Semiconductor (TI) LM5107 Datasheet HTML 2Page - National Semiconductor (TI) LM5107 Datasheet HTML 3Page - National Semiconductor (TI) LM5107 Datasheet HTML 4Page - National Semiconductor (TI) LM5107 Datasheet HTML 5Page - National Semiconductor (TI) LM5107 Datasheet HTML 6Page - National Semiconductor (TI) LM5107 Datasheet HTML 7Page - National Semiconductor (TI) LM5107 Datasheet HTML 8Page - National Semiconductor (TI) LM5107 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM5107
100V / 1.4A Peak Half Bridge Gate Driver
General Description
The LM5107 is a low cost high voltage gate driver, designed
to drive both the high side and the low side N-Channel
MOSFETs in a synchronous buck or a half bridge configura-
tion. The floating high-side driver is capable of working with
rail voltages up to 100V. The outputs are independently
controlled with TTL compatible input thresholds. An inte-
grated on chip high voltage diode is provided to charge the
high side gate drive bootstrap capacitor. A robust level shifter
technology operates at high speed while consuming low
power and providing clean level transitions from the control
input logic to the high side gate driver. Under-voltage lockout
is provided on both the low side and the high side power
rails. The device is available in the SOIC-8 and the thermally
enhanced LLP-8 packages.
Features
n
Drives both a high side and low side N-Channel
MOSFET
n
High peak output current (1.4A sink / 1.3A source)
n
Independent TTL compatible inputs
n
Integrated bootstrap diode
n
Bootstrap supply voltage to 118V DC
n
Fast propagation times (27 ns typical)
n
Drives 1000 pF load with 15ns rise and fall times
n
Excellent propagation delay matching (2 ns typical)
n
Supply rail under-voltage lockout
n
Low power consumption
n
Pin compatible with ISL6700
Typical Applications
n
Current Fed push-pull converters
n
Half and Full Bridge power converters
n
Solid state motor drives
n
Two switch forward power converters
Package
n
SOIC-8
n
LLP-8 (4 mmx4mm)
Simplified Block Diagram
20130001
FIGURE 1.
February 2005
© 2005 National Semiconductor Corporation
DS201300
www.national.com


Similar Part No. - LM5107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5107 TI-LM5107 Datasheet
809Kb / 18P
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107 TI1-LM5107 Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107MA TI1-LM5107MA Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5107MA/NOPB TI1-LM5107MA/NOPB Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
More results

Similar Description - LM5107

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
100V Half Bridge Driver
January 1996
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
logo
Texas Instruments
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com