Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5107 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5107
Description  100V / 1.4A Peak Half Bridge Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5107 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5107 Datasheet HTML 1Page - National Semiconductor (TI) LM5107 Datasheet HTML 2Page - National Semiconductor (TI) LM5107 Datasheet HTML 3Page - National Semiconductor (TI) LM5107 Datasheet HTML 4Page - National Semiconductor (TI) LM5107 Datasheet HTML 5Page - National Semiconductor (TI) LM5107 Datasheet HTML 6Page - National Semiconductor (TI) LM5107 Datasheet HTML 7Page - National Semiconductor (TI) LM5107 Datasheet HTML 8Page - National Semiconductor (TI) LM5107 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5107MA
SOIC-8
M08A
Shipped in anti static rails
LM5107MAX
SOIC-8
M08A
2500 shipped as Tape & Reel
LM5107SD
LLP-8
SDC08A
1000 shipped as Tape & Reel
LM5107SDX
LLP-8
SDC08A
4500 shipped as Tape & Reel
Pin Description
Pin #
Name
Description
Application Information
SO-8
LLP-8
11
V
DD
Positive gate drive supply
Locally decouple to V
SS using low ESR/ESL capacitor located
as close to IC as possible.
2
2
HI
High side control input
The LM5107 HI input is compatible with TTL input thresholds.
Unused HI input should be tied to ground and not left open
3
3
LI
Low side control input
The LM5107 LI input is compatible with TTL input thresholds.
Unused LI input should be tied to ground and not left open.
44
V
SS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device.
6
6
HS
High side source connection
Connect to the negative terminal of the bootstrap capacitor
and to the source of the high side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the low side N-MOS device.
8
8
HB
High side gate driver positive
supply rail
Connect the positive terminal of the bootstrap capacitor to HB
and the negative terminal of the bootstrap capacitor to HS.
The bootstrap capacitor should be placed as close to IC as
possible.
Note: For LLP-8 package it is recommended that the exposed pad on the bottom of the LM5107 be soldered to ground plane on the PCB board and the
ground plane should extend out from underneath the package to improve heat dissipation.
20130002
20130003
FIGURE 2.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com