Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC16374ADLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC16374ADLR
Description  16 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16374ADLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC16374ADLR Datasheet HTML 1Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 2Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 3Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 4Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 5Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 6Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 7Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 8Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
SN74LVC16374A
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS728A – OCTOBER 2003 – REVISED OCTOBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.7
VOH
V
2.7 V
2.2
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
±10
µA
VI = VCC or GND
20
ICC
IO = 0
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(2)
20
∆I
CC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
5
pF
Co
VO = VCC or GND
3.3 V
6.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
3.3
ns
tsu
Setup time, data before CLK
↑
2.4
1.6
1.9
1.9
ns
th
Hold time, data after CLK
↑
0.8
1
1.1
1.9
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tpd
CLK
Q
1
6.5
1
4.3
1
4.9
1.5
4.5
ns
ten
OE
Q
1
6.7
1
4.7
1
5.3
1.5
4.6
ns
tdis
OE
Q
1
10.7
1
5
1
6.1
1.5
5.5
ns
tsk(o)
1
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com