Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC16374ADLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC16374ADLR
Description  16 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16374ADLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC16374ADLR Datasheet HTML 1Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 2Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 3Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 4Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 5Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 6Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 7Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 8Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
GND
1Q7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
VCC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1CLK
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
GND
1D7
1D8
2D1
2D2
GND
2D3
2D4
VCC
2D5
2D6
GND
2D7
2D8
2CLK
SN74LVC16374A
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS728A – OCTOBER 2003 – REVISED OCTOBER 2005
•
Member of the Texas Instruments Widebus™
Family
•
Typical VOLP (Output Ground Bounce) <0.8 V
at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot) >2 V at
VCC = 3.3 V, TA = 25°C
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input and Output Voltages With
3.3-V VCC)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
This 16-bit edge-triggered D-type flip-flop is designed
for 1.65-V to 3.6-V VCC operation.
The SN74LVC16374A is particularly suitable for
implementing buffer registers, I/O ports, bidirectional
bus drivers, and working registers. The device can be
used as two 8-bit flip-flops or one 16-bit flip-flop. On
the positive transition of the clock (CLK) input, the Q
outputs of the flip-flop take on the logic levels set up
at the data (D) inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or
low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without interface or pullup components.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74LVC16374AGRDR
Tape and reel
LD374A
FBGA – ZRD (Pb-free)
SN74LVC16374AZRDR
Tube
SN74LVC16374ADL
SSOP – DL
LVC16374A
Tape and reel
SN74LVC16374ADLR
SN74LVC16374ADGGR
–40
°C to 85°C
TSSOP – DGG
Tape and reel
LVC16374A
74LVC16374ADGGRG4
SN74LVC16374ADGVR
TVSOP – DGV
Tape and reel
LD374A
74LVC16374ADGVRE4
VFBGA – GQL
SN74LVC16374AGQLR
Tape and reel
LD374A
VFBGA – ZQL (Pb-free)
SN74LVC16374AZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC16374ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16374ADLR TI1-SN74LVC16374ADLR Datasheet
1Mb / 25P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVC16374ADLR TI2-SN74LVC16374ADLR Datasheet
576Kb / 26P
SN74LVC16374A 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
REVISED SEPTEMBER 2014
SN74LVC16374ADLR.B TI2-SN74LVC16374ADLR.B Datasheet
576Kb / 26P
SN74LVC16374A 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
REVISED SEPTEMBER 2014
SN74LVC16374ADLRG4.B TI2-SN74LVC16374ADLRG4.B Datasheet
576Kb / 26P
SN74LVC16374A 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
REVISED SEPTEMBER 2014
More results

Similar Description - SN74LVC16374ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com