Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC16374ADLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC16374ADLR
Description  16 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16374ADLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC16374ADLR Datasheet HTML 1Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 2Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 3Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 4Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 5Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 6Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 7Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 8Page - Texas Instruments SN74LVC16374ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN74LVC16374A
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS728A – OCTOBER 2003 – REVISED OCTOBER 2005
OE does not affect internal operations of the flip-flop. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1OE
NC
NC
NC
NC
1CLK
B
1Q2
1Q1
GND
GND
1D1
1D2
C
1Q4
1Q3
VCC
VCC
1D3
1D4
D
1Q6
1Q5
GND
GND
1D5
1D6
E
1Q8
1Q7
1D7
1D8
F
2Q1
2Q2
2D2
2D1
G
2Q3
2Q4
GND
GND
2D4
2D3
H
2Q5
2Q6
VCC
VCC
2D6
2D5
J
2Q7
2Q8
GND
GND
2D8
2D7
xxx
K
2OE
NC
NC
NC
NC
2CLK
blk
blk
(1)
NC – No internal connection
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1Q1
NC
1OE
1CLK
NC
1D1
B
1Q3
1Q2
NC
NC
1D2
1D3
C
1Q5
1Q4
VCC
VCC
1D4
1D5
D
1Q7
1Q6
GND
GND
1D6
1D7
E
2Q1
1Q8
GND
GND
1D8
2D1
F
2Q3
2Q2
GND
GND
2D2
2D3
G
2Q5
2Q4
VCC
VCC
2D4
2D5
H
2Q7
2Q6
NC
NC
2D6
2D7
J
2Q8
NC
2OE
2CLK
NC
2D8
xxx
blk
blk
(1)
NC – No internal connection
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com