Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8602 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 46Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
44
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 38 WM8602 External Component Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT REFERENCE
SUGGESTED VALUE
DESCRIPTION
Y1
24.576 / 27.000MHz
Crystal (15pF load, 500
µW)
C1, C2
22pF
Capacitor NP0 0603
C3
4.7µF
Capacitor Y5V 0805
C4-C7
0.1µF
Capacitor X7R 0603
Table 53 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com