| Electronic Components Datasheet Search |
|
WM8602 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8602 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc |
|
24 / 46 page ![]() WM8602 Product Preview w PP Rev 1.5 May 2004 24 Once the WM8602 has acknowledged a correct address, the controller sends the first byte of control data (B15 to B8, i.e. the WM8602 register address plus the first bit of register data). The WM8602 then acknowledges the first data byte by pulling SDIN low for one clock pulse. The controller then sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register data), and the WM8602 acknowledges again by pulling SDIN low. The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high. After receiving a complete address and data sequence the WM8602 returns to the idle state and waits for another start condition. If a start or stop condition is detected out of sequence at any point during data transfer (i.e. SDIN changes while SCLK is high), the device jumps to the idle condition. SDIN SCLK register address and 1st register data bit DEVICE ADDRESS (7 BITS) RD / WR BIT ACK (LOW) CONTROL BYTE 1 (BITS 15 TO 8) CONTROL BYTE 1 (BITS 7 TO 0) remaining 8 bits of register data STOP START ACK (LOW) ACK (LOW) Figure 18 2-Wire Serial Control Interface The WM8602 has two possible device addresses, which can be selected using the CSB pin. CSB STATE DEVICE ADDRESS Low 0011010 High 0011011 Table 20 2-Wire MPU Interface Address Selection INPUT PROCESSOR The WM8602 supports the production of stereo or 2.1 outputs from stereo inputs according to Table 21. OUTPUT CONFIGURATIONS CONFIG FL OUT FR OUT SUB OUT Stereo • • 2.1 • • • Table 21 Output Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |