Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8602 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
37
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
STDBY
1
Standby select:
0 : Normal Mode
1: Standby Mode
1
OPDISR
0
Output disable register
0: Normal mode
1: PWM output disabled
R29 (1Dh)
Power Down
2
MENA
1
OPDIS Mode
0 : Synchronous
1: Latched, reset via Control I/F
Table 48 Power Down
EXTERNAL APPLICATION POWER-DOWN (EAPDB) PIN
The state of the output pin EAPDB shows whether the device is disabled (i.e. OPDIS input pin active
or STDBY register set).
EAPDB
STATE
DESCRIPTION
1
The device is operating
correctly
External
Application
Power Down
0
(default)
The outputs are disabled or
the WM8602 device is in
Standby (default) mode
Table 49 EAPDB Pin
RESET
The WM8602 device can be reset writing to the Reset register as defined in Table 50.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
RLENA
0
Writing 1 to bit 0 of the register will
reset OPDIS
R30 (1Eh)
Reset
all
RESET
0
Writing all 1’s to the register will
reset the device and register
settings
Table 50 Reset
Note: RESET or RLENA will be applied at the end of the register write and released at the beginning
of the next register write. I.e. to reset the OPDIS register write 1 to bit 0 of the Reset register and
them write 0 to bit 0.
EXTERNAL POWER SUPPLY CLOCK
The WM8602 device can generate a clock signal for an external PSU (Power Supply Unit) which is
available at the CLKPSU pin.
CLKPSU
t
PCLKPSU
t
HCLKPSU
Figure 23 External Power Supply Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com