Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9510CSL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9510CSL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510CSL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9510CSL Datasheet HTML 1Page - Torex Semiconductor XC9510CSL Datasheet HTML 2Page - Torex Semiconductor XC9510CSL Datasheet HTML 3Page - Torex Semiconductor XC9510CSL Datasheet HTML 4Page - Torex Semiconductor XC9510CSL Datasheet HTML 5Page - Torex Semiconductor XC9510CSL Datasheet HTML 6Page - Torex Semiconductor XC9510CSL Datasheet HTML 7Page - Torex Semiconductor XC9510CSL Datasheet HTML 8Page - Torex Semiconductor XC9510CSL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 28, 2003 Ver. 4
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Preliminary
! Input Voltage Range
2.4V ~ 6.0V
! APPLICATIONS
! Output Voltage Range
DC/DC
0.9 ~ 4.0V (
±2%)
" CD-R / RW, DVD
VR
0.9 ~ 4.0V (
±2%)
" HDD
VD
0.9 ~ 5.0V (
±2%)
" PDAs, portable communication modem
! Switching Frequency
300kHz, 600kHz, 1.2MHz
" Cellular phones
! Output Current
DC/DC
800mA
" Palmtop computers
VR
600mA
" Cameras, video recorders
! Ultra Small Packages
SOP-8
! Ceramic Capacitor Compatible
! GENERAL DESCRIPTION
! FEATURES
Input Voltage Range :
2.4V ~ 6.0V
Load Capacitors :
Ceramic Capacitors Compatible
(Low ESR Capacitors)
VD Function :
Detects output voltage from the VDOUT pin
while sensing either VDD, DCOUT,
or VROUT internally.
Nch Open Drain Output
<DC/DC Converter>
Output Voltage Range : 0.9 ~ 4.0V (Accuracy
±2%)
Output Current :
800mA
Controls :
PWM Control
Oscillation Frequency : 300kHz, 600kHz, 1.2MHz
<Regulator>
Output Voltage Range : 0.9 ~ 4.0V (Accuracy
±2%)
Current Limit
600mA
Dropout Voltage :
240mV @ IOUT=300mA (VOUT=2.8V)
High Ripple Rejection
60dB @1kHz (VOUT=2.8V)
! TYPICAL APPLICATION CIRCUIT
! TYPICAL PERFORMANCE CHARACTERISTICS
XC9510 Series
PWM, PWM / PFM Automatic
Switching External
The XC9510 series consists of a step-down DC/DC converter and a
high-speed LDO regulator connected in series with the DC/DC
converter's output. A voltage detector is also built-in. A highly
efficient, low noise output is possible since the regulator is stepped-
down further from the DC/DC output.
The DC/DC converter block incorporates a P-Channel driver transistor
and a synchronous N-Channel switching transistor. With an external
coil, diode and two capacitors, the XC9510 can deliver output currents
up to 800mA at efficiencies over 90%. The XC9510 is designed for
use with small ceramic capacitors.
A choice of three switching frequencies are available, 300 kHz, 600
kHz, and 1.2 MHz.
Output voltage settings for the DC/DC and VR are set-up internally in
0.1V steps within the range of 0.9V to 4.0V (
± 2.0%). For the VD, the
range is of 0.9V to 5.0V (
± 2.0%).
The soft start time of the series is internally set to 5ms. With the built-
in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel
driver transistor is forced OFF when input voltage becomes 1.4 V or
lower.
The operational states of the DC/DC and the regulator blocks can be
changed by inputting three kinds of voltage level via the CE/MODE pin.
The functions of the MODE pin can be selected via the external control
pin to switch the DC/DC control mode and the disable pin to shut down
the regulator block.
SOP-8 (Top View)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN
L
CL1
CL2
DCOUT
VROUT
SD
Semiconductor Ltd.
XC9510Hxxxx
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
DC/DC Output Current IDOUT
VR Output Current IROUT (mA)
VIN=5.0V, Topr=25OC, L:4.7uH(CDRH4D28C),
CIN:4.7uF(ceramic), CL1:10uF(ceramic), CL2:1uF(ceramic)
DC/DC Efficiency (DCOUT:3.4V, 1.2MHz), VR Efficiency (VROUT:3.0V)
PWM/PFM switching control
PWM control
Data Sheet
1


Similar Part No. - XC9510CSL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510C1333 TOREX-XC9510C1333 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C1334 TOREX-XC9510C1334 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C1363 TOREX-XC9510C1363 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C1364 TOREX-XC9510C1364 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510C13C3 TOREX-XC9510C13C3 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

Similar Description - XC9510CSL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com