Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9510CSL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9510CSL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510CSL Datasheet(HTML) 6 Page - Torex Semiconductor

  XC9510CSL Datasheet HTML 1Page - Torex Semiconductor XC9510CSL Datasheet HTML 2Page - Torex Semiconductor XC9510CSL Datasheet HTML 3Page - Torex Semiconductor XC9510CSL Datasheet HTML 4Page - Torex Semiconductor XC9510CSL Datasheet HTML 5Page - Torex Semiconductor XC9510CSL Datasheet HTML 6Page - Torex Semiconductor XC9510CSL Datasheet HTML 7Page - Torex Semiconductor XC9510CSL Datasheet HTML 8Page - Torex Semiconductor XC9510CSL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Preliminary
! TEST CIRCUITS
Circuit
1
Supply Current, Stand-by Current,
Circuit
2
Output Voltage (VR), Load Stability, Dropout Voltage,
CE Current
CE Current (MODE Current)
Circuit
3 Output Voltage (DC/DC) Oscillation Frequency,
Circuit
4
Minimum Duty Cycle, Maximum Duty Cycle
U.V.L.O. Voltage, Softstart Time, Latch Time, CE Voltage,
(PFM Duty Cycle), (MODE Voltage)
Circuit
5
Lx ON Resistance
Circuit
6
Current Limit 1 (DC/DC)
Circuit
7
Current Limit 2 (VR), Short Protection (VR)
Circuit
8
Detect Voltage, Release Voltage
Circuit
9
VD Output Current
XC9510 Series
FOSC
300kHz
600kHz
1.2MHz
L
22uH
10uH
4.7uH
Semiconductor Ltd.
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN : 1.0uF (ceramic)
A
A
DCOUT : VIN or GND
V
IROUT
V
CIN : 4.7uF (ceramic)
CE/MODE : VIN
or VIN-1.2V
or GND
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CL:1.0uF(ceramic,
VROUT>1.5V)
2.2uF(ceramic,
VROUT<1.5V)
CIN : 4.7uF (ceramic)
V
CL : 10uF
(ceramic)
V
L
IDOUT
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
V
CE : VIN
200
Ω
CIN : 1.0uF(ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
V
CE : VIN
A
CIN : 1.0uF (ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CE : VIN
CIN : 4.7uF (ceramic)
IDOUT
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
L
CE : VIN
V
V
A
CIN : 4.7uF (ceramic)
CL : 1.0uF (ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN:
1uF
V
CE/MODE : VSS
200k
Ω
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
VD_SENSE
(DCOUT or VROUT)
CIN :
 1uF
V
CE : VSS
A
VD_SENSE
(DCOUT or VROUT)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Data Sheet
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com