Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9510CSL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9510CSL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510CSL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9510CSL Datasheet HTML 1Page - Torex Semiconductor XC9510CSL Datasheet HTML 2Page - Torex Semiconductor XC9510CSL Datasheet HTML 3Page - Torex Semiconductor XC9510CSL Datasheet HTML 4Page - Torex Semiconductor XC9510CSL Datasheet HTML 5Page - Torex Semiconductor XC9510CSL Datasheet HTML 6Page - Torex Semiconductor XC9510CSL Datasheet HTML 7Page - Torex Semiconductor XC9510CSL Datasheet HTML 8Page - Torex Semiconductor XC9510CSL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Preliminary
! ELECTRICAL CHARACTERISTICS
XC9510HxxCSx
$ Common Characteristics
$ DC/DC Converter (2.2V product)
$ Regulator (1.8V product)
-
VDD-1.2
V
3
CE 'M' Level Voltage
VCEM
-
-
±100
-
IROUT=30mA
-40
OC<Topr<85OC
Short-Circuit Current
-
IROUT=30mA
-
-
dB
VROUT(T)+1V<VIN<6V
VROUT=VROT(E)x0.9
Connected to the external components,
VIN=CE=5.0V,
Short DCOUT by 1
Ω resistor
-8
1.800
-
1.764
IROUT=30mA
TEST CIRCUIT
UNITS
3
3
-
Temperature Characteristics
! Topr " VOUT
Output Voltage
! VOUT
-
±100
IDOUT=30mA
-40
OC<Topr<85OC
Efficiency (note 4)
Stand-by Current (note 1)
ISTB
Supply Current 2
Supply Current 1
PARAMETER
SYMBOL
CE 'H' Level Voltage
VCEH
VIN
VUVLO
U.V.L.O. Voltage (note 2)
CE 'H' Level Current
ICEH
! VOUT
PARAMETER
Output Voltage
SYMBOL
CE 'L' Level Current
ICEL
ILIM1
Current Limit
Current Limit
Line Regulation
ILIM2
Output Voltage
VROUT(E)
Maximum Output Current
IMAX2
Dropout Voltage 2
Vdif 2
DCOUT
XC9510 Series
VIN=6.5V, CE=0V
TEST CIRCUIT
2.156
30
-
-
0.6
1.78
1.00
85
-
mV
2
15
50
mV
2
-mA
600
-
0.2
-
%/V
2
-
Load Regulation
! VROUT
Dropout Voltage 1 (note 6)
Vdif 1
! VIN " VOUT
-
1mA<IROUT<100mA
IROUT=30mA
IROUT=100mA
Soft Start Time
TSS
-
PARAMETER
SYMBOL
MIN.
Connected to the external components,
CE=0V
"VIN, IDOUT=1mA
Latch Time (note 5)
Tlat
CONDITIONS
EFFI
3
Maximum Output Current
IMAX1
800
%
Connected to the external components,
IDOUT=100mA
6
A
LX SW 'Low' On Resistance
RLXL
-
LX SW 'High' On Resistance
(note 3)
RLXH
-
Ω
DCOUT=0V, LX=VIN-0.05V
0.5
3
1.20
1.38
MHz
-
-
4
3
4
0
3
MAXDUTY
1.02
FOSC
DCOUT=0V
100
PFM Duty Ratio
CONDITIONS
Minimum Duty Ratio
MINDUTY
Oscillation Frequency
Maximum Duty Ratio
PFMDUTY
Input Voltage Range
VIN=CE=DCOUT=5.0V
%
-
Connected to the external components,
No Load
DCOUT=VIN
-
-
0.5
-
-
--
1.2
-
-
TYP.
MAX.
-90-
-
5
1.836
200
2
Output Voltage
5
3
ppm
/
OC
ISHORT
-
30
VROUT=VSS
-60
ppm
/
OC
Temperature Characteristics
! Topr " VOUT
PSRR
! VOUT
-
VIN={VOUT(T) + 1.0} VDC + 0.5Vp-pAC
IROUT=30mA, f=1kHz
Ripple Rejection Rate
MAX.
UNITS TEST CIRCUIT
V
3
mA
2
mS
Ta=25
OC
-
300
-
µΑ
1
V
6.0
1
2.4
TYP.
IDD2
µΑ
-
0.6
2.5
VIN=CE=5.0V, DCOUT=0V
MIN.
IDD1
-
240
--
-
µΑ
1
3
V
1.40
V
3
VDD
-
CE 'L' Level Voltage
VCEL
VSS
-
0.25
µΑ
1
- 0.1
-
0.1
21
- 0.1
-
0.1
38
30
MIN.
2
Ta=25
OC
mA
3
mV
7
7
2
2
mS
CONDITIONS
Connected to the external components,
IDOUT=10mA
TYP.
MAX.
2.200
2.244
UNITS
-%
V
V
mA
%
Ω
µΑ
Ta=25
OC
Connected to the external components,
IDOUT=30mA
1
Semiconductor Ltd.
Data Sheet
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com